Electronic Components Datasheet Search
  English  ▼

X  

LMC662 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMC662
Description  LMC662 CMOS Dual Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC662 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMC662 Datasheet HTML 8Page - Texas Instruments LMC662 Datasheet HTML 9Page - Texas Instruments LMC662 Datasheet HTML 10Page - Texas Instruments LMC662 Datasheet HTML 11Page - Texas Instruments LMC662 Datasheet HTML 12Page - Texas Instruments LMC662 Datasheet HTML 13Page - Texas Instruments LMC662 Datasheet HTML 14Page - Texas Instruments LMC662 Datasheet HTML 15Page - Texas Instruments LMC662 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
LMC662
SNOSC51C – APRIL 1998 – REVISED MARCH 2013
www.ti.com
BIAS CURRENT TESTING
The test method of Figure 25 is appropriate for bench-testing bias current with reasonable accuracy. To
understand its operation, first close switch S2 momentarily. When S2 is opened, then
(10)
Figure 25. Simple Input Bias Current Test Circuit
A suitable capacitor for C2 would be a 5 pF or 10 pF silver mica, NPO ceramic, or air-dielectric. When
determining the magnitude of Ib−, the leakage of the capacitor and socket must be taken into account. Switch S2
should be left shorted most of the time, or else the dielectric absorption of the capacitor C2 could cause errors.
Similarly, if S1 is shorted momentarily (while leaving S2 shorted)
(11)
where Cx is the stray capacitance at the + input.
Typical Single-Supply Applications
(V
+ = 5.0 V
DC)
Additional single-supply applications ideas can be found in the LM358 datasheet. The LMC662 is pin-for-pin
compatible with the LM358 and offers greater bandwidth and input resistance over the LM358. These features
will improve the performance of many existing single-supply applications. Note, however, that the supply voltage
range of the LM662 is smaller than that of the LM358.
Figure 26. Low-Leakage Sample-and-Hold
12
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LMC662



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com