Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Atmel Microcontroller with 64K 128K 256K Bytes In-System Programmable Flash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 32Page - ATMEL Corporation ATMEGA640 Datasheet HTML 33Page - ATMEL Corporation ATMEGA640 Datasheet HTML 34Page - ATMEL Corporation ATMEGA640 Datasheet HTML 35Page - ATMEL Corporation ATMEGA640 Datasheet HTML 36Page - ATMEL Corporation ATMEGA640 Datasheet HTML 37Page - ATMEL Corporation ATMEGA640 Datasheet HTML 38Page - ATMEL Corporation ATMEGA640 Datasheet HTML 39Page - ATMEL Corporation ATMEGA640 Datasheet HTML 40Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
39
2549PS–AVR–10/2012
ATmega640/1280/1281/2560/2561
12.13 Rev. 2549D-12/05
12.14 Rev. 2549C-09/05
12.15 Rev. 2549B-05/05
12.16 Rev. 2549A-03/05
1.
Advanced Information Status changed to Preliminary.
2.
Changed number of I/O Ports from 51 to 54.
3.
Updatet typos in “TCCR0A – Timer/Counter Control Register A” on page 129.
4.
Updated Features in “ADC – Analog to Digital Converter” on page 275.
5.
Updated Operation in“ADC – Analog to Digital Converter” on page 275
6.
Updated Stabilizing Time in “Changing Channel or Reference Selection” on page 282.
7.
Updated Figure 26-1 on page 276, Figure 26-9 on page 285, Figure 26-10 on page 285.
8.
Updated Text in “ADCSRB – ADC Control and Status Register B” on page 290.
9.
Updated Note for Table 4 on page 43, Table 13-15 on page 86, Table 26-3 on page 289 and
Table 26-6 on page 295.
10.
Updated Table 31-9 on page 377 and Table 31-10 on page 378.
11.
Updated “Filling the Temporary Buffer (Page Loading)” on page 323.
12.
Updated “Typical Characteristics” on page 385.
13.
Updated “Packaging Information” on page 25.
14.
Updated “Errata” on page 29.
1.
Updated Speed Grade in section “Features” on page 1.
2.
Added “Resources” on page 11.
3.
Updated “SPI – Serial Peripheral Interface” on page 195. In Slave mode, low and high period SPI
clock must be larger than 2 CPU cycles.
4.
Updated “Bit Rate Generator Unit” on page 247.
5.
Updated “Maximum speed vs. V
CC” on page 373.
6.
Updated “Ordering Information” on page 20.
7.
Updated “Packaging Information” on page 25. Package 64M1 replaced by 64M2.
8.
Updated “Errata” on page 29.
1.
JTAG ID/Signature for ATmega640 updated: 0x9608.
2.
Updated Table 13-7 on page 81.
3.
Updated “Serial Programming Instruction set” on page 352.
4.
Updated “Errata” on page 29.
1.
Initial version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com