Electronic Components Datasheet Search
  English  ▼

X  

RLT83500G Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # RLT83500G
Description  High Power Infrared Laser Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLT83500G Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  RLT83500G Datasheet HTML 1Page - Roithner LaserTechnik GmbH RLT83500G Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
03.08.2010
rlt83500g.doc
2 of 2
PACKAGE DIMENSIONS:
Operating notes:
1. Be sure that the operating current is not exceed the specified operating current, or
else which will accelerate aging, shorten lifetime or even damage devices.
2. Increase the current gradually to the specified operating value. For shutting down the
laser diode, please decrease the current to zero gradually, and then turn off the
power. Pleaser sure that the power supply have no current overshoot at any time.
The current overshoot can damage the laser diodes.
3. The high power laser diode is sensitive to the work temperature. The work
temperature should be no more than 30°C. It is better if the temperature of the heat
sink can be keep at 20°C.
4. Be careful to keep the facet cleaning. Contamination of facet will result in rapid
degradation of devices.
5. The high power laser diode is very sensitive to static. Please caution about static
during operating with the laser diode.
6. Caution! Don’t look at the laser light directly, because it’s harmful to eyes.
7. A clean, dry and ventilated environment should be available when storing and
operation. Dew can damage the laser diodes.
8. The storage temperature is between –10 and 70°C.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com