Electronic Components Datasheet Search
  English  ▼

X  

LME49721 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LME49721
Description  LME49721 High-Performance, High-Fidelity Rail-to-Rail Input/Output Audio Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LME49721 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LME49721 Datasheet HTML 9Page - Texas Instruments LME49721 Datasheet HTML 10Page - Texas Instruments LME49721 Datasheet HTML 11Page - Texas Instruments LME49721 Datasheet HTML 12Page - Texas Instruments LME49721 Datasheet HTML 13Page - Texas Instruments LME49721 Datasheet HTML 14Page - Texas Instruments LME49721 Datasheet HTML 15Page - Texas Instruments LME49721 Datasheet HTML 16Page - Texas Instruments LME49721 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
1.1 1.3 1.5 1.7 1.9 2.1 2.3 2.5 2.7 2.9
SUPPLY VOLTAGE (V-)
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
1.1 1.3 1.5 1.7 1.9 2.1 2.3 2.5 2.7 2.9
SUPPLY VOLTAGE (V-)
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
1.1 1.3 1.5 1.7 1.9 2.1 2.3 2.5 2.7 2.9
SUPPLY VOLTAGE (V-)
-120
+0
-100
-80
-60
-40
-20
20
200k
200
2k
20k
FREQUENCY (Hz)
-120
+0
-100
-80
-60
-40
-20
20
200k
200
2k
20k
FREQUENCY (Hz)
-120
+0
-100
-80
-60
-40
-20
20
200k
200
2k
20k
FREQUENCY (Hz)
LME49721
www.ti.com
SNAS371C – SEPTEMBER 2007 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Graphs were taken in dual supply configuration.
CMRR vs Frequency
CMRR vs Frequency
VS = ±2.75V
VS = ±2.75V
RL = 2kΩ
RL = 10kΩ
Figure 57.
Figure 58.
CMRR vs Frequency
VS = ±2.75V
Output Voltage Swing Neg vs Power Supply
RL = 600Ω
RL = 2kΩ
Figure 59.
Figure 60.
Output Voltage Swing Neg vs Power Supply
Output Voltage Swing Neg vs Power Supply
RL = 10kΩ
RL = 600Ω
Figure 61.
Figure 62.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LME49721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com