Electronic Components Datasheet Search
  English  ▼

X  

LP3962 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP3962
Description  LP3962/LP3965 1.5A Fast Ultra Low Dropout Linear Regulators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3962 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP3962 Datasheet HTML 10Page - Texas Instruments LP3962 Datasheet HTML 11Page - Texas Instruments LP3962 Datasheet HTML 12Page - Texas Instruments LP3962 Datasheet HTML 13Page - Texas Instruments LP3962 Datasheet HTML 14Page - Texas Instruments LP3962 Datasheet HTML 15Page - Texas Instruments LP3962 Datasheet HTML 16Page - Texas Instruments LP3962 Datasheet HTML 17Page - Texas Instruments LP3962 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
LP3962, LP3965
SNVS066H – MAY 2000 – REVISED APRIL 2013
www.ti.com
SENSE PIN
In applications where the regulator output is not very close to the load, LP3965 can provide better remote load
regulation using the SENSE pin. Figure 23 depicts the advantage of the SENSE option. LP3962 regulates the
voltage at the output pin. Hence, the voltage at the remote load will be the regulator output voltage minus the
drop across the trace resistance. For example, in the case of a 3.3V output, if the trace resistance is 100m
Ω, the
voltage at the remote load will be 3.15V with 1.5 A of load current, ILOAD. The LP3965 regulates the voltage at the
sense pin. Connecting the sense pin to the remote load will provide regulation at the remote load, as shown in
Figure 23. If the sense option pin is not required, the sense pin must be connected to the VOUT pin.
Figure 23. Improving remote load regulation using LP3965
SHUTDOWN OPERATION
A CMOS Logic level signal at the shutdown ( SD) pin will turn-off the regulator. Pin SD must be actively
terminated through a 10k
Ω pull-up resistor for a proper operation. If this pin is driven from a source that actively
pulls high and low (such as a CMOS rail to rail comparator), the pull-up resistor is not required. This pin must be
tied to Vin if not used.
DROPOUT VOLTAGE
The dropout voltage of a regulator is defined as the minimum input-to-output differential required to stay within
2% of the output voltage. The LP3962/LP3965 use an internal MOSFET with an Rds(on) of 240m
Ω (typically).
For CMOS LDOs, the dropout voltage is the product of the load current and the Rds(on) of the internal MOSFET.
REVERSE CURRENT PATH
The internal MOSFET in LP3962and LP3965 has an inherent parasitic diode. During normal operation, the input
voltage is higher than the output voltage and the parasitic diode is reverse biased. However, if the output is
pulled above the input in an application, then current flows from the output to the input as the parasitic diode gets
forward biased. The output can be pulled above the input as long as the current in the parasitic diode is limited to
200mA continuous and 1A peak.
MAXIMUM OUTPUT CURRENT CAPABILITY
LP3962 and LP3965 can deliver a continuous current of 1.5 A over the full operating temperature range. A
heatsink may be required depending on the maximum power dissipation and maximum ambient temperature of
the application. Under all possible conditions, the junction temperature must be within the range specified under
operating conditions. The total power dissipation of the device is given by:
PD = (VIN−VOUT)IOUT+ (VIN)IGND
14
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LP3962 LP3965



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com