Electronic Components Datasheet Search
  English  ▼

X  

SLAS191A Datasheet(PDF) 19 Page - Texas Instruments

Part # SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLAS191A Datasheet(HTML) 19 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 15Page - Texas Instruments SLAS191A Datasheet HTML 16Page - Texas Instruments SLAS191A Datasheet HTML 17Page - Texas Instruments SLAS191A Datasheet HTML 18Page - Texas Instruments SLAS191A Datasheet HTML 19Page - Texas Instruments SLAS191A Datasheet HTML 20Page - Texas Instruments SLAS191A Datasheet HTML 21Page - Texas Instruments SLAS191A Datasheet HTML 22Page - Texas Instruments SLAS191A Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 86 page
background image
1–13
How to use the command line parameters of the assembler:
The default command line parameters of the assembler (asm430.exe) are -z and -I. These
parameters are set in the Properties of the Assembler icon after installation. For further
information on command line parameters see the Assembly Language Tools User’s Guide.
To change the parameters, select the ASM430 Assembler icon with one left mouse click. Click on
the file menu in the Windows Program Manager and select the Properties command. Select the
shortcut tab. Depending on the version of Windows being used, the screen will show the following
dialog on the screen:
Command
Figure 1–10. Properties
NOTE: File | Properties...
If the installation is not changed, the parameters -z and -I will be added to the target’s statement.
If the Start in: properties are adjusted to the source code directory, the path of the source file
should not be entered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86