Electronic Components Datasheet Search
  English  ▼

X  

FAM-15PASR Datasheet(PDF) 2 Page - Fujikura Ltd.

Part # FAM-15PASR
Description  Barometric pressure measurable Surface mount package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJIKURA [Fujikura Ltd.]
Direct Link  http://www.fujikura.co.jp
Logo FUJIKURA - Fujikura Ltd.

FAM-15PASR Datasheet(HTML) 2 Page - Fujikura Ltd.

  FAM-15PASR Datasheet HTML 1Page - Fujikura Ltd. FAM-15PASR Datasheet HTML 2Page - Fujikura Ltd. FAM-15PASR Datasheet HTML 3Page - Fujikura Ltd. FAM-15PASR Datasheet HTML 4Page - Fujikura Ltd. FAM-15PASR Datasheet HTML 5Page - Fujikura Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Sensing element/Absolute
FAM Data sheet
2
P1= 34.66 kPa.abs
T1= 0 deg.C
P2= 67.98 kPa.abs
T2= 25 deg.C
P3= 101.3 kPa.abs
T3= 50 deg.C
P4= 168.0 kPa.abs
Offset voltage (mV)
Voff = V(P3,T)
at 101.3kPa.abs
Output voltage at full scale (mV)
V(P1,T)
at 34.66kPa.abs
V(P4,T)
at 168.0kPa.abs
Output span voltage (mV)
SV = V(P4,T) - V(P1,T)
SV(0) = V(P4,T1) - V(P1,T1)
SV(25) = V(P4,T2) - V(P1,T2)
SV(50) = V(P4,T3) - V(P1,T3)
Temperature sensitivity of offset voltage (%FS)
TSO = {LARGER ONE} / SV(25) x 100
LARGER ONE = larger absolute value which of {V(P3,T1)-V(P3,T2)} and {V(P3,T3)-V(P3,T2)}
Temperature coefficient of output span voltage (%FS)
TCS = {max[SV(0),SV(25),SV(50)] - min[SV(0),SV(25),SV(50)] } / SV(25) x 100
Linearity (%FS)
NL = {V(P2,T2) - [V(P1,T2)+V(P3,T2)]/2 } / SV(25) x 100
Pressure hysteresis (%FS)
Phys = {V’(P3,T2) - V(P3,T2) } / SV(25) x 100
V’(P3,T2) : Output voltage against P1 after stressing by P3 pressure.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com