Electronic Components Datasheet Search
  English  ▼

X  

34080 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 34080
Description  WIRE-TERMINAL PIDG-SPADE WIRE SIZE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

34080 Datasheet(HTML) 1 Page - Tyco Electronics

  34080 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 34080

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
34080 TEC-34080 Datasheet
5Mb / 12P
PIDG TERMINALS & SPLICES
09/17
34080 TEC-34080 Datasheet
43Kb / 1P
Standard Terminals and Splices
Revised 8-00
logo
Molex Electronics Ltd.
34080-0001 MOLEX4-34080-0001 Datasheet
922Kb / 7P
MX150??Male Cable Seal Terminal, Tin (Sn) Plating, 14-16 AWG, Right Reel PayoffContact Material Thickness 0.30mm (.012")
34080-0002 MOLEX-34080-0002 Datasheet
1,012Kb / 2P
MX150TM Cable-Sealed 1-by-2 Connection System
34080-1003 MOLEX4-34080-1003 Datasheet
925Kb / 8P
MX150??Male Cable Seal Terminal, Tin (Sn) Plating, 22 AWG, Left Reel PayoffContact Material Thickness 0.30mm (.012")
More results

Similar Description - 34080

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
323915 MACOM-323915 Datasheet
53Kb / 1P
WIRE TERMINAL PIDG - RING TONGUE WIRE SIZE: 26-22
130620 MACOM-130620 Datasheet
55Kb / 1P
TERMINAL, SPADE, RECTANGULAR TONGUE, PIDG, WIRE SIZE 12-10
52936 MACOM-52936 Datasheet
75Kb / 1P
TERMINAL, SHORT SPRING SPADE, PIDG, WIRE SIZE: 16-14 AWG
52409 MACOM-52409 Datasheet
90Kb / 1P
TERMINAL, SPRING SPADE PIDG, WIRE SIZE 22-16
326865 MACOM-326865 Datasheet
64Kb / 1P
WIRE TERMINAL PIDG-FLANGED SPADE WIRE SIZE:12-10
52408 MACOM-52408 Datasheet
85Kb / 1P
TERMINAL, SPRING SPADE PIDG, WIRE SIZE
52421-1 MACOM-52421-1 Datasheet
54Kb / 1P
TERMINAL, PIDG, SPRING SPADE, WIRE SIZE: 16-14
logo
TE Connectivity Ltd
52422 TEC-52422 Datasheet
74Kb / 1P
TERMINAL, PIDG, SPRING SPADE, WIRE SIZE: 16 - 14 AWG
52930 TEC-52930 Datasheet
80Kb / 1P
TERMINAL, SHORT SPRING SPADE, PIDG, WIRE SIZE: 22 - 16 AWG
52929 TEC-52929 Datasheet
79Kb / 1P
TERMINAL, SHORT SPRING SPADE, PIDG, WIRE SIZE: 22-16 AWG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com