Electronic Components Datasheet Search
  English  ▼

X  

PCIF1 Datasheet(PDF) 93 Page - ATMEL Corporation

Part # PCIF1
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF1 Datasheet(HTML) 93 Page - ATMEL Corporation

Back Button PCIF1 Datasheet HTML 89Page - ATMEL Corporation PCIF1 Datasheet HTML 90Page - ATMEL Corporation PCIF1 Datasheet HTML 91Page - ATMEL Corporation PCIF1 Datasheet HTML 92Page - ATMEL Corporation PCIF1 Datasheet HTML 93Page - ATMEL Corporation PCIF1 Datasheet HTML 94Page - ATMEL Corporation PCIF1 Datasheet HTML 95Page - ATMEL Corporation PCIF1 Datasheet HTML 96Page - ATMEL Corporation PCIF1 Datasheet HTML 97Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 294 page
background image
93
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
Depending on the mode of operation used, the counter is cleared, incremented, or decre-
mented at each timer clock (clk
T0). clkT0 can be generated from an external or internal clock
source, selected by the Clock Select bits (CS02:0). When no clock source is selected
(CS02:0 = 0) the timer is stopped. However, the TCNT0 value can be accessed by the CPU,
regardless of whether clk
T0 is present or not. A CPU write overrides (has priority over) all
counter clear or count operations.
The counting sequence is determined by the setting of the WGM01 and WGM00 bits located
in the Timer/Counter Control Register (TCCR0A). There are close connections between how
the counter behaves (counts) and how waveforms are generated on the Output Compare out-
put OC0A. For more details about advanced counting sequences and waveform generation,
see “Modes of Operation” on page 95.
The Timer/Counter Overflow Flag (TOV0) is set according to the mode of operation selected
by the WGM01:0 bits. TOV0 can be used for generating a CPU interrupt.
10.5
Output Compare Unit
The 8-bit comparator continuously compares TCNT0 with the Output Compare Register
(OCR0A). Whenever TCNT0 equals OCR0A, the comparator signals a match. A match will set
the Output Compare Flag (OCF0A) at the next timer clock cycle. If enabled (OCIE0A = 1), the
Output Compare Flag generates an Output Compare interrupt. The OCF0A flag is automati-
cally cleared when the interrupt is executed. Alternatively, the OCF0A flag can be cleared by
software by writing a logical one to its I/O bit location. The Waveform Generator uses the
match signal to generate an output according to operating mode set by the WGM01:0 bits and
Compare Output mode (COM0A1:0) bits. The max and bottom signals are used by the Wave-
form Generator for handling the special cases of the extreme values in some modes of
operation (“Modes of Operation” on page 95).
Figure 10-3 shows a block diagram of the Output Compare unit.
Figure 10-3. Output Compare Unit, Block Diagram
OCFnx (Int.Req.)
= (8-bit Comparator )
OCRnx
OCnx
DATA BUS
TCNTn
WGMn1:0
Waveform Generator
top
FOCn
COMnX1:0
bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com