Electronic Components Datasheet Search
  English  ▼

X  

PCIF1 Datasheet(PDF) 141 Page - ATMEL Corporation

Part # PCIF1
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF1 Datasheet(HTML) 141 Page - ATMEL Corporation

Back Button PCIF1 Datasheet HTML 137Page - ATMEL Corporation PCIF1 Datasheet HTML 138Page - ATMEL Corporation PCIF1 Datasheet HTML 139Page - ATMEL Corporation PCIF1 Datasheet HTML 140Page - ATMEL Corporation PCIF1 Datasheet HTML 141Page - ATMEL Corporation PCIF1 Datasheet HTML 142Page - ATMEL Corporation PCIF1 Datasheet HTML 143Page - ATMEL Corporation PCIF1 Datasheet HTML 144Page - ATMEL Corporation PCIF1 Datasheet HTML 145Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 294 page
background image
141
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
12.11.8
Input Capture Register – ICR1H and ICR1L
The Input Capture is updated with the counter (TCNT1) value each time an event occurs on
the ICP1 pin (or optionally on the Analog Comparator output for Timer/Counter1). The Input
Capture can be used for defining the counter TOP value.
The Input Capture Register is 16-bit in size. To ensure that both the high and low bytes are
read simultaneously when the CPU accesses these registers, the access is performed using
an 8-bit temporary high byte register (TEMP). This temporary register is shared by all the other
16-bit registers. See “Accessing 16-bit Registers” on page 115.
12.11.9
Timer/Counter1 Interrupt Mask Register – TIMSK1
• Bit 7..6 – Reserved Bits
These bits are reserved for future use.
• Bit 5 – ICIE1: Input Capture Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally
enabled), the Timer/Counter1 Input Capture interrupt is enabled. The corresponding Interrupt
Vector (See ”Interrupt Vectors in the Atmel AVR” on page 63.) is executed when the ICF1 flag,
located in TIFR1, is set.
• Bit 4..3 – Reserved Bits
These bits are reserved for future use.
• Bit 2 – OCIE1B: Output Compare B Match Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally
enabled), the Timer/Counter1 Output Compare B Match interrupt is enabled. The correspond-
ing Interrupt Vector (See ”Interrupt Vectors in the Atmel AVR” on page 63.) is executed when
the OCF1B flag, located in TIFR1, is set.
• Bit 1 – OCIE1A: Output Compare A Match Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally
enabled), the Timer/Counter1 Output Compare A Match interrupt is enabled. The correspond-
ing Interrupt Vector (See ”Interrupt Vectors in the Atmel AVR” on page 63.) is executed when
the OCF1A flag, located in TIFR1, is set.
• Bit 0 – TOIE1: Timer/Counter Overflow Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally
enabled), the Timer/Counter1 Overflow interrupt is enabled. The corresponding Interrupt Vec-
tor (See ”Interrupt Vectors in the Atmel AVR” on page 63.) is executed when the TOV1 flag,
located in TIFR1, is set.
Bit
7
6543
210
ICR1[15:8]
ICR1H
ICR1[7:0]
ICR1L
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0000
000
Bit
7
6543
2
1
0
–
–
ICIE1
–
–
OCIE1B
OCIE1A
TOIE1
TIMSK1
Read/Write
R
R
R/W
R
R
R/W
R/W
R/W
Initial Value
0
0000
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com