Electronic Components Datasheet Search
  English  ▼

X  

PCIF1 Datasheet(PDF) 183 Page - ATMEL Corporation

Part # PCIF1
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF1 Datasheet(HTML) 183 Page - ATMEL Corporation

Back Button PCIF1 Datasheet HTML 179Page - ATMEL Corporation PCIF1 Datasheet HTML 180Page - ATMEL Corporation PCIF1 Datasheet HTML 181Page - ATMEL Corporation PCIF1 Datasheet HTML 182Page - ATMEL Corporation PCIF1 Datasheet HTML 183Page - ATMEL Corporation PCIF1 Datasheet HTML 184Page - ATMEL Corporation PCIF1 Datasheet HTML 185Page - ATMEL Corporation PCIF1 Datasheet HTML 186Page - ATMEL Corporation PCIF1 Datasheet HTML 187Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 294 page
background image
183
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
15.6
LIN / UART Register Description
Table 15-5.
LIN/UART Register Bits Summary
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LINCR
LSWRES
LIN13
LCONF1
LCONF0
LENA
LCMD2
LCMD1
LCMD0
0R/W
0R/W
0R/W
0R/W
0R/W
0R/W
0R/W
0R/W
LINSIR
LIDST2
LIDST1
LIDST0
LBUSY
LERR
LIDOK
LTXOK
LRXOK
0R0R0R0R0
R/Wone
0R/Wone
0R/Wone
0R/Wone
LINENIR
————
LENERR
LENIDOK
LENTXOK
LENRXOK
0R0R0R0R0
R/W
0
R/W
0
R/W
0
R/W
LINERR
LABORT
LTOERR
LOVERR
LFERR
LSERR
LPERR
LCERR
LBERR
0R0R0R0R0R0R0R0R
LINBTR
LDISR
LBT5
LBT4
LBT3
LBT2
LBT1
LBT0
0
R/W
0
R
1R/(W)
0R/(W)
0R/(W)
0R/(W)
0R/(W)
0R/(W)
LINBRRL
LDIV7
LDIV6
LDIV5
LDIV4
LDIV3
LDIV2
LDIV1
LDIV0
0R/W
0R/W
0R/W
0R/W
0R/W
0R/W
0R/W
0R/W
LINBRRH
————
LDIV11
LDIV10
LDIV9
LDIV8
0R0R0R0R0
R/W
0
R/W
0
R/W
0
R/W
LINDLR
LTXDL3
LTXDL2
LTXDL1
LTXDL0
LRXDL3
LRXDL2
LRXDL1
LRXDL0
0R/W
0R/W
0R/W
0R/W
0R/W
0R/W
0R/W
0R/W
LINIDR
LP1
LP0
LID5/LDL1
LID4/LDL0
LID3
LID2
LID1
LID0
1
R
0
R
0R/W
0R/W
0R/W
0R/W
0R/W
0R/W
LINSEL
————
LAINC
LINDX2
LINDX1
LINDX0
0R0R0R0R0
R/W
0
R/W
0
R/W
0
R/W
LINDAT
LDATA7
LDATA6
LDATA5
LDATA4
LDATA3
LDATA2
LDATA1
LDATA0
0R/W
0R/W
0R/W
0R/W
0R/W
0R/W
0R/W
0R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com