Electronic Components Datasheet Search
  English  ▼

X  

PCIF1 Datasheet(PDF) 197 Page - ATMEL Corporation

Part # PCIF1
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF1 Datasheet(HTML) 197 Page - ATMEL Corporation

Back Button PCIF1 Datasheet HTML 193Page - ATMEL Corporation PCIF1 Datasheet HTML 194Page - ATMEL Corporation PCIF1 Datasheet HTML 195Page - ATMEL Corporation PCIF1 Datasheet HTML 196Page - ATMEL Corporation PCIF1 Datasheet HTML 197Page - ATMEL Corporation PCIF1 Datasheet HTML 198Page - ATMEL Corporation PCIF1 Datasheet HTML 199Page - ATMEL Corporation PCIF1 Datasheet HTML 200Page - ATMEL Corporation PCIF1 Datasheet HTML 201Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 294 page
background image
197
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
16.8
Driver (DRV)
The driver supplies the antenna coil with the appropriate energy. The circuit consists of two
independent output stages. These output stages can be operated in two different modes. In
common mode, the outputs of the stages are in phase; in this mode the outputs can be inter-
connected to achieve high-current output capability. The output voltages are in anti-phase
when using the differential mode; the antenna coil is thus driven with a higher voltage. For a
specific magnetic field, the antenna coil impedance is higher for the differential mode.
Because higher coil impedance results in better system sensitivity, the differential mode
should be given preference.
The CFE input is intended for writing data to a read/write or a crypto transponder. This is done
by interrupting the RF field with short gaps. The various functions are controlled by the MS and
CFE inputs (see Table 16-3 on page 198). The equivalent circuit of the driver is shown in Fig-
ure 16-1 on page 191.
Figure 16-10. Equivalent Circuit of Pin MS
Figure 16-11. Equivalent Circuit of Pin CFE
MS
30µA
CFE
30 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com