Electronic Components Datasheet Search
  English  ▼

X  

PCIF1 Datasheet(PDF) 237 Page - ATMEL Corporation

Part # PCIF1
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF1 Datasheet(HTML) 237 Page - ATMEL Corporation

Back Button PCIF1 Datasheet HTML 233Page - ATMEL Corporation PCIF1 Datasheet HTML 234Page - ATMEL Corporation PCIF1 Datasheet HTML 235Page - ATMEL Corporation PCIF1 Datasheet HTML 236Page - ATMEL Corporation PCIF1 Datasheet HTML 237Page - ATMEL Corporation PCIF1 Datasheet HTML 238Page - ATMEL Corporation PCIF1 Datasheet HTML 239Page - ATMEL Corporation PCIF1 Datasheet HTML 240Page - ATMEL Corporation PCIF1 Datasheet HTML 241Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 294 page
background image
237
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
22.2
Fuse Bits
The Atmel
® AVR® has three Fuse bytes. Table 22-3, Table 22-4 & Table 22-5 describe briefly
the functionality of all the fuses and how they are mapped into the Fuse bytes.
The SPM instruction is enabled for the whole Flash if the SELFPRGEN fuse is programmed
(“0”), otherwise it is disabled.
Note that the fuses are read as logical zero, “0”, if they are programmed.
Notes:
1. See ”Alternate Functions of Port B” on page 84. for description of RSTDISBL Fuse.
2. The SPIEN Fuse is not accessible in serial programming mode.
3. See ”Watchdog Timer Control Register - WDTCR” on page 61. for details.
4. See Table 23-5 on page 259 for BODLEVEL Fuse coding.
Table 22-3.
Extended Fuse Byte
Fuse Extended Byte
Bit No
Description
Default Value
–
7
–
1 (unprogrammed)
–
6
–
1 (unprogrammed)
–
5
–
1 (unprogrammed)
–
4
–
1 (unprogrammed)
–
3
–
1 (unprogrammed)
–
2
–
1 (unprogrammed)
–
1
–
1 (unprogrammed)
SELFPRGEN
0
Self Programming Enable
1 (unprogrammed)
Table 22-4.
Fuse High Byte
Fuse High Byte
Bit No Description
Default Value
RSTDISBL(1)
7
External Reset Disable
1 (unprogrammed)
DWEN
6
DebugWIRE Enable
1 (unprogrammed)
SPIEN(2)
5
Enable Serial Program
and Data Downloading
0 (programmed,
SPI programming enabled)
WDTON(3)
4
Watchdog Timer always on
1 (unprogrammed)
EESAVE
3
EEPROM memory is preserved
through the Chip Erase
1 (unprogrammed,
EEPROM not preserved)
BODLEVEL2(4)
2
Brown-out Detector trigger level
1 (unprogrammed)
BODLEVEL1(4)
1
Brown-out Detector trigger level
1 (unprogrammed)
BODLEVEL0(4)
0
Brown-out Detector trigger level
1 (unprogrammed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com