Electronic Components Datasheet Search
  English  ▼

X  

PCIF1 Datasheet(PDF) 263 Page - ATMEL Corporation

Part # PCIF1
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF1 Datasheet(HTML) 263 Page - ATMEL Corporation

Back Button PCIF1 Datasheet HTML 259Page - ATMEL Corporation PCIF1 Datasheet HTML 260Page - ATMEL Corporation PCIF1 Datasheet HTML 261Page - ATMEL Corporation PCIF1 Datasheet HTML 262Page - ATMEL Corporation PCIF1 Datasheet HTML 263Page - ATMEL Corporation PCIF1 Datasheet HTML 264Page - ATMEL Corporation PCIF1 Datasheet HTML 265Page - ATMEL Corporation PCIF1 Datasheet HTML 266Page - ATMEL Corporation PCIF1 Datasheet HTML 267Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 294 page
background image
263
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
Table 23-10. ADC Characteristics, Differential Channels (-40°C/+125°C)
Symbol
Parameter
Condition
Min
Typ
Max
Units
Resolution
Differential conversion
8
TUE
Absolute accuracy
Gain = 8x, BIPOLAR
VREF = 4V, VCC = 5V
ADC clock = 200kHz
1.0
3.0
LSB
Gain = 20x, BIPOLAR
VREF = 4V, VCC = 5V
ADC clock = 200kHz
1.5
3.5
Gain = 8x, UNIPOLAR
VREF = 4V, VCC = 5V
ADC clock = 200kHz
2.0
4.5
Gain = 20x, UNIPOLAR
VREF = 4V, VCC = 5V
ADC clock = 200kHz
2.0
6.0
INL
Integral Non Linearity
Gain = 8x, BIPOLAR
VREF = 4V, VCC = 5V
ADC clock = 200kHz
0.2
1.0
LSB
Gain = 20x, BIPOLAR
VREF = 4V, VCC = 5V
ADC clock = 200kHz
0.4
1.5
Gain = 8x, UNIPOLAR
VREF = 4V, VCC = 5V
ADC clock = 200kHz
0.5
2.0
Gain = 20x, UNIPOLAR
VREF = 4V, VCC = 5V
ADC clock = 200kHz
1.6
5.0
DNL
Differential Non Linearity
Gain = 8x, BIPOLAR
VREF = 4V, VCC = 5V
ADC clock = 200kHz
0.3
0.8
LSB
Gain = 20x, BIPOLAR
VREF = 4V, VCC = 5V
ADC clock = 200kHz
0.3
0.8
Gain = 8x, UNIPOLAR
VREF = 4V, VCC = 5V
ADC clock = 200kHz
0.4
0.8
Gain = 20x, UNIPOLAR
VREF = 4V, VCC = 5V
ADC clock = 200kHz
0.6
1.6
Gain error
Gain = 8x, BIPOLAR
VREF = 4V, VCC = 5V
ADC clock = 200kHz
-3.0
1.0
3.0
LSB
Gain = 20x, BIPOLAR
VREF = 4V, VCC = 5V
ADC clock = 200kHz
-4.0
1.5
4.0
Gain = 8x, UNIPOLAR
VREF = 4V, VCC = 5V
ADC clock = 200kHz
-5.0
-2.5
0.0
Gain = 20x, UNIPOLAR
VREF = 4V, VCC = 5V
ADC clock = 200kHz
-4.0
-0.5
4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com