Electronic Components Datasheet Search
  English  ▼

X  

PCIF1 Datasheet(PDF) 293 Page - ATMEL Corporation

Part # PCIF1
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF1 Datasheet(HTML) 293 Page - ATMEL Corporation

Back Button PCIF1 Datasheet HTML 286Page - ATMEL Corporation PCIF1 Datasheet HTML 287Page - ATMEL Corporation PCIF1 Datasheet HTML 288Page - ATMEL Corporation PCIF1 Datasheet HTML 289Page - ATMEL Corporation PCIF1 Datasheet HTML 290Page - ATMEL Corporation PCIF1 Datasheet HTML 291Page - ATMEL Corporation PCIF1 Datasheet HTML 292Page - ATMEL Corporation PCIF1 Datasheet HTML 293Page - ATMEL Corporation PCIF1 Datasheet HTML 294Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 293 / 294 page
background image
293
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
30. Package Information
29. Ordering Information
Extended Type Number
Package
Remarks
ATA5505-P3QW
QFN38 5 mm
× 7 mm
Green package, 16k flash
TITLE
DRAWING NO.
REV.
Package Drawing Contact:
packagedrawings@atmel.com
6.543-5156.01-4
COMMON DIMENSIONS
(Unit of Measure = mm)
MIN
NOM
NOTE
MAX
Symbol
1
Exposed pad 3.6x5.6
Package: VQFN_5x7_38L
08/22/08
Dimensions in mm
specifications
according to DIN
technical drawings
0.02
0.05
0.0
A1
7
7.1
6.9
E
0.23
0.3
0.16
b
0.5 BSC
e
0.4
0.5
0.3
L
5.6
5.75
5.45
E2
3.6
3.75
3.45
D2
5
5.1
4.9
D
0.2
0.25
0.15
A3
0.9
1
0.8
A
Top View
D
1
40
PIN 1 ID
Side View
b
Z 10:1
Bottom View
e
D2
13
1
12
19
20
31
32
38
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com