Electronic Components Datasheet Search
  English  ▼

X  

PCIF0 Datasheet(PDF) 194 Page - ATMEL Corporation

Part # PCIF0
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF0 Datasheet(HTML) 194 Page - ATMEL Corporation

Back Button PCIF0 Datasheet HTML 190Page - ATMEL Corporation PCIF0 Datasheet HTML 191Page - ATMEL Corporation PCIF0 Datasheet HTML 192Page - ATMEL Corporation PCIF0 Datasheet HTML 193Page - ATMEL Corporation PCIF0 Datasheet HTML 194Page - ATMEL Corporation PCIF0 Datasheet HTML 195Page - ATMEL Corporation PCIF0 Datasheet HTML 196Page - ATMEL Corporation PCIF0 Datasheet HTML 197Page - ATMEL Corporation PCIF0 Datasheet HTML 198Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 294 page
background image
194
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
16.3
Oscillator (Osc)
The frequency of the on-chip oscillator is controlled by a current fed into the RF input. An inte-
gr ate d com p e n s a tion c i r c uit en sur e s a wide te mp er atu r e ra ng e an d a
supply-voltage-independent frequency which is selected by a fixed resistor between RF (pin
15) and VS (pin 14). For 125kHz, a resistor value of 110k
Ω is defined. For other frequencies,
use the following formula:
This input can be used to adjust the frequency close to the resonance of the antenna.
Figure 16-5. Equivalent Circuit of the R
F Pin
16.4
Low-pass Filter (LPF)
The fully integrated low-pass filter (4th-order Butterworth) removes the remaining carrier sig-
nal and high-frequency disturbances after demodulation. The upper cut-off frequency of the
LPF depends on the selected oscillator frequency. The typical value is f
Osc/18. This means
data rates of up to f
Osc/25 are possible if biphase or Manchester signal encoding is used.
A high-pass characteristic results from the capacitive coupling at the input pin 4 as shown in
Figure 16-6. The input voltage swing is limited to 2V
pp. For frequency response calculation, the
impedances of the signal source and LPF input (typically 210k
Ω) have to be considered.
Figure 16-6. Equivalent Circuit of Pin Input
R
t[kΩ]
14375
f
0[kHz]
------------------
5
–
=
R
F
R
f
V
S
2k
Ω
210k
Ω
10k
Ω
VBias + 0.4V
VBias - 0.4V
Input
R
S
C
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com