Electronic Components Datasheet Search
  English  ▼

X  

PCIF0 Datasheet(PDF) 195 Page - ATMEL Corporation

Part # PCIF0
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF0 Datasheet(HTML) 195 Page - ATMEL Corporation

Back Button PCIF0 Datasheet HTML 191Page - ATMEL Corporation PCIF0 Datasheet HTML 192Page - ATMEL Corporation PCIF0 Datasheet HTML 193Page - ATMEL Corporation PCIF0 Datasheet HTML 194Page - ATMEL Corporation PCIF0 Datasheet HTML 195Page - ATMEL Corporation PCIF0 Datasheet HTML 196Page - ATMEL Corporation PCIF0 Datasheet HTML 197Page - ATMEL Corporation PCIF0 Datasheet HTML 198Page - ATMEL Corporation PCIF0 Datasheet HTML 199Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 294 page
background image
195
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
16.5
Amplifier (AMP)
The differential amplifier has a fixed gain, typically 30. The HIPASS pin is used for DC decou-
pling. The lower cut-off frequency of the decoupling circuit can be calculated as follows:
The value of the internal resistor R
i can be assumed to be 2.5kΩ.
Figure 16-7. Equivalent Circuit of the HIPASS Pin
16.6
Antenna Resonant Loop Control
An improved read performance can be achieved by tracking the oscillator frequency to the res-
onant condition of the antenna LC tank.
Therefore the oscillator input is controlled by a loop circuitry according to Figure 16-8. It pro-
vides a bi-directional compensation current (I
comp) into RF pin in order to track the driver
frequency close to the resonant frequency of the antenna LC.
Figure 16-8. Circuitry for Antenna Resonant Frequency Tracking
f
cut
1
2
π
×
C
HP
×
R
i
×
--------------------------------------------
=
Schmitt
trigger
-
+
R
R
R
R
LPF
HIPASS
C
HP
V
Ref
R
i
75k
Ω
100k
Ω
Coil 1
Coil 2
RF
Tap Point
LAnt
RAnt
CAnt
D3
D4
D2
D1
IComp
R1
R2
R4
43k
Ω
R3 68kΩ
C1
4.7nF
VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com