Electronic Components Datasheet Search
  English  ▼

X  

PCIF0 Datasheet(PDF) 260 Page - ATMEL Corporation

Part # PCIF0
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF0 Datasheet(HTML) 260 Page - ATMEL Corporation

Back Button PCIF0 Datasheet HTML 256Page - ATMEL Corporation PCIF0 Datasheet HTML 257Page - ATMEL Corporation PCIF0 Datasheet HTML 258Page - ATMEL Corporation PCIF0 Datasheet HTML 259Page - ATMEL Corporation PCIF0 Datasheet HTML 260Page - ATMEL Corporation PCIF0 Datasheet HTML 261Page - ATMEL Corporation PCIF0 Datasheet HTML 262Page - ATMEL Corporation PCIF0 Datasheet HTML 263Page - ATMEL Corporation PCIF0 Datasheet HTML 264Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 294 page
background image
260
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
23.7
Front End Reader/Writer
23.7.1
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
All voltages are referred to GND (Pins 1 and 7)
Symbol
Parameter
Pin
Min.
Max.
Unit
V
Batt
Operating voltage
20
V
S
16
V
V
S, VEXT, DVS, Coil 1,
Coil 2
Operating voltage
15, 16, 17, 18, 22
–0.3
8
V
V
IN
VOUT
Range of input and output
voltages
10, 11, 12, 13, 23, 24
9 and 21
–0.3
–0.3
V
S + 0.3
VBatt
V
IEXT
Output current
17
10
mA
IOUT
Output current
9
10
mA
ICoil
Driver output current
15, 16
200
mA
Ptot
Power dissipation SO16
380
mW
Tj
Junction temperature
150
°C
Tstg
Storage temperature
–55
125
°C
Tamb
Ambient temperature
–40
105
°C
23.7.2
Operating Range
All voltages are referred to GND (Pins 1 and 7)
Symbol
Parameter
Pin
Value
Unit
V
Batt
Operating voltage
20
7 to 16
V
V
S
Operating voltage
22
4.5 to 6.3
V
V
EXT, DVS
Operating voltage
17, 18
4.5 to 8
V
Carrier frequency
100 to 150
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com