Electronic Components Datasheet Search
  English  ▼

X  

PCIF0 Datasheet(PDF) 261 Page - ATMEL Corporation

Part # PCIF0
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF0 Datasheet(HTML) 261 Page - ATMEL Corporation

Back Button PCIF0 Datasheet HTML 257Page - ATMEL Corporation PCIF0 Datasheet HTML 258Page - ATMEL Corporation PCIF0 Datasheet HTML 259Page - ATMEL Corporation PCIF0 Datasheet HTML 260Page - ATMEL Corporation PCIF0 Datasheet HTML 261Page - ATMEL Corporation PCIF0 Datasheet HTML 262Page - ATMEL Corporation PCIF0 Datasheet HTML 263Page - ATMEL Corporation PCIF0 Datasheet HTML 264Page - ATMEL Corporation PCIF0 Datasheet HTML 265Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 294 page
background image
261
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
23.7.3
Electrical Characteristics
All voltages are referred to GND (Pins 1 and 7)
Symbol
Parameters
Test Conditions
Pin
Min.
Typ.
Max.
Unit
V
CEsat
Data output
- Collector emitter
- Saturation voltage
I
out = 5mA
9
400
mV
V
il
V
ih
Data output enable
- Low-level input voltage
- High-level input voltage
10
2.4
0.5
V
V
Vil
V
ih
R
in
SIN
Data input
- Clamping level low
- Clamping level high
- Input resistance
- Input sensitivity
f = 3 kHz (square wave)
Gain capacitor = 100nF
11
10
2
3.8
220
V
V
k
Ω
mVpp
V
il
V
ih
Driver polarity mode
- Low-level input voltage
- High-level input voltage
12
2.4
0.2
V
V
Vil
V
ih
Carrier frequency enable
- Low-level input voltage
- High-level input voltage
13
3.0
0.8
V
V
I
S
Operating current
5V application without load
connected to the coil driver
17, 18,
20 and
22
4.5
9
mA
ISt
Standby current
12V application
20
30
70
µA
V
S
dVs/dT
IS
VS
- Supply voltage
- Supply voltage drift
- Output current
22
4.6
1.8
5.4
4.2
3.5
6.3
V
mV/K
mA
V
DRV
VDRV
Driver output voltage
- One-rail operation
- Battery-voltage operation
IL = ±100 mA
V
S, VEXT, VBatt, DVS = 5V
VBatt = 12V
15, 16
2.9
3.1
3.6
4.0
4.3
4.7
V
PP
VPP
VEXT
dV
EXT/dT
IEXT
IEXT
VEXT
- Output voltage
- Supply voltage drift
- Output current
- Standby output current
IC active
Standby mode
17
4.6
3.5
0.4
5.4
4.2
6.3
V
mV/K
mA
mA
V
il
Vih
Standby input
- Low-level input voltage
- High-level input voltage
21
3.1
0.8
V
V
f
0
Oscillator
- Carrier frequency
RF resistor = 110k
Ω
REM 1(1)
121
125
129
kHz
fcut
Low-pass filter
- Cut-off frequency
Carrier frequency = 125kHz
7
kHz
Amplifier gain
C
HP = 100nF
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com