Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48P Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATMEGA48P
Description  131 Powerful Instructions - Most Single Clock Cycle Execution
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48P Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATMEGA48P Datasheet HTML 35Page - ATMEL Corporation ATMEGA48P Datasheet HTML 36Page - ATMEL Corporation ATMEGA48P Datasheet HTML 37Page - ATMEL Corporation ATMEGA48P Datasheet HTML 38Page - ATMEL Corporation ATMEGA48P Datasheet HTML 39Page - ATMEL Corporation ATMEGA48P Datasheet HTML 40Page - ATMEL Corporation ATMEGA48P Datasheet HTML 41Page - ATMEL Corporation ATMEGA48P Datasheet HTML 42Page - ATMEL Corporation ATMEGA48P Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 420 page
background image
39
8025M–AVR–6/11
ATmega48P/88P/168P
The CKDIV8 Fuse determines the initial value of the CLKPS bits. If CKDIV8 is unprogrammed,
the CLKPS bits will be reset to “0000”. If CKDIV8 is programmed, CLKPS bits are reset to
“0011”, giving a division factor of 8 at start up. This feature should be used if the selected clock
source has a higher frequency than the maximum frequency of the device at the present operat-
ing conditions. Note that any value can be written to the CLKPS bits regardless of the CKDIV8
Fuse setting. The Application software must ensure that a sufficient division factor is chosen if
the selected clock source has a higher frequency than the maximum frequency of the device at
the present operating conditions. The device is shipped with the CKDIV8 Fuse programmed.
Table 9-17.
Clock Prescaler Select
CLKPS3
CLKPS2
CLKPS1
CLKPS0
Clock Division Factor
0
000
1
0
001
2
0
010
4
0
011
8
0
100
16
0
101
32
0
110
64
0
111
128
1
000
256
1
001
Reserved
1
010
Reserved
1
011
Reserved
1
100
Reserved
1
101
Reserved
1
110
Reserved
1
111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com