Electronic Components Datasheet Search
  English  ▼

X  

S1C17801F Datasheet(PDF) 2 Page - Epson Company

Part # S1C17801F
Description  CMOS 16-bit Application Specific Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C17801F Datasheet(HTML) 2 Page - Epson Company

  S1C17801F Datasheet HTML 1Page - Epson Company S1C17801F Datasheet HTML 2Page - Epson Company S1C17801F Datasheet HTML 3Page - Epson Company S1C17801F Datasheet HTML 4Page - Epson Company S1C17801F Datasheet HTML 5Page - Epson Company S1C17801F Datasheet HTML 6Page - Epson Company S1C17801F Datasheet HTML 7Page - Epson Company S1C17801F Datasheet HTML 8Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
S1C17801
2
EPSON
● Internal Memories
• Flash EEPROM
- 128K bytes
• RAM
- 4K bytes
• VRAM
- 2K bytes
- Usable as a general-purpose RAM with battery backup feature
● Operating Clock
• Main clock
- 48 MHz when the USB function is used
- 1 to 48 MHz (can be divided by 1 to 32) or 32.768 kHz when the USB function is not used
- On-chip oscillator (crystal or ceramic) or external clock input
• Sub clock
- 32.768 kHz (typ.) for the RTC
- On-chip oscillator (crystal)
● SRAM Controller
• Provides a 23-bit external address bus, an 8- or 16-bit width selectable data bus, and four chip enable signals to
support a maximum of 15M-byte external memory space.
• Provides an SRAM UMA feature to access an external VRAM for supporting up to 16-grayscale QVGA LCD panel.
● Interrupt Controller
• Four non-maskable interrupts
- Reset (#RESET pin or watchdog timer)
- Address misaligned
- Debug
- NMI (#NMI pin or watchdog timer)
• 28 maskable interrupts
- Port inputs (eight systems)
- PWM control capture timer/counter (one system)
- A/D converter (two systems)
- 16-bit timer of clock generator (one system)
- 8-bit timers of clock generator (two systems)
- UART (one system)
- SPI (one system)
- I
2C (one system)
- RTC (one system)
- 8-bit timers (four systems)
- LCD controller (one system)
- Extended SPI (one system)
- USB function controller (one system)
- I
2S (two systems)
- Remote controller (one system)
- The interrupt level (priority) of each maskable interrupt system is configurable (levels 0 to 7).
● Prescaler
• Generates the source clocks for the clock generator.
● PWM Control Capture Timer/Counter
• One channel of 16-bit timer/counter with PWM output function is available.
• Can generate two compare-match interrupts.
• Supports the IGBT output control function using the A/D converter out-of-range signal.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com