Electronic Components Datasheet Search
  English  ▼

X  

1734282-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1734282-1
Description  Right-Angle Posted Connectors
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1734282-1 Datasheet(HTML) 2 Page - Tyco Electronics

  1734282-1 Datasheet HTML 1Page - Tyco Electronics 1734282-1 Datasheet HTML 2Page - Tyco Electronics 1734282-1 Datasheet HTML 3Page - Tyco Electronics 1734282-1 Datasheet HTML 4Page - Tyco Electronics 1734282-1 Datasheet HTML 5Page - Tyco Electronics 1734282-1 Datasheet HTML 6Page - Tyco Electronics 1734282-1 Datasheet HTML 7Page - Tyco Electronics 1734282-1 Datasheet HTML 8Page - Tyco Electronics 1734282-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
39
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Right-Angle Posted Connectors (Continued)
Product Facts:
I
Flame retardant
thermoplastic housing
material, UL 94V-0 rated
I
HD-20 right-angle
connectors are available in
9, 15, 25 and 37 positions
(Shell Sizes 1 thru 4) in
both plug and receptacle
versions; some versions
available in 50 position,
(Shell Size 5)
I
HD-20 stacked connectors
are available in 9/9, 15/15,
25/25, and 37/37 positions
(Shell Sizes 1 thru 4) in
receptacle over receptacle,
plug over plug and
combination versions
I
HD-22 right-angle
receptacle connectors are
available in 15, 26, 44, 62
and 78 positions (Shell
Sizes 1 thru 5)
I
Low cost front metal-shell
design compatible with full
metal-shell connectors
I
Integral boardlock versions
secure posted connectors to
pc boards prior to soldering
I
HD-20 and HD-22 connector
contacts are available in
plating types to satisfy
different applications
I
HD-22 right-angle posted
connectors are designed
for high temperature
applications
I
Integral fixed 4-40 threaded
inserts and screwlocks are
available in both HD-20 and
HD-22 connectors
I
Connectors are intermate-
able with any size 20 or 22
subminiature D connectors
dimensionally complying
with MIL-C-24308
Section Contents
HD-22 and HD-20 Contact Arrangements . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
HD-22 and HD-20 Performance Specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Plug/Receptacle Mating and Panel Mounting Specifications . . . . . . . . . . . . . . . 42
AMPLIMITE HD-20 Subminiature D Stacked PCB Connectors
Hybrid and Mixed Styles . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43-48
AMPLIMITE 2000 Subminiature D Connectors . . . . . . . . . . . . . . . . . . . . . . . . . . 49, 50
HD-20 and HD-22 Slimline Connectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
HD-22 Right-Angle Posted Subminiature D Connectors . . . . . . . . . . . . . . . . 52, 53
HD-20 Front Metal-Shell Right-Angle Posted Connectors
318 Mount . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54-57
HD-20 Full Metal-Shell Right-Angle Posted Connectors
454 Mount . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58, 59
HD-20 Front Metal-Shell Right-Angle Posted Connectors
478 Mount . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60, 61
HD-20 Full Metal-Shell Right-Angle Posted Connectors
545 Mount . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62, 63
HD-20 Front Metal-Shell Right-Angle Posted Connectors
590 Mount . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64, 65
HD-20 All-Plastic Right-Angle Posted Connectors
318 Mount . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66-68
HD-20 All-Plastic Right-Angle Posted Connectors
590 Mount . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69-71
Right-Angle Mounting Connectors—European Standard Footprint . . . . . . . . . 72
Right-Angle Mounting Connectors—Eurostyle Footprint . . . . . . . . . . . . . . . . . . . . 73
Standard Density Press Fit Termination, Right-Angle Mounting . . . . . . . . . . . . . 74
Subminiature D Connectors for Cable Mounting . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
No. of
Contact Plating
Connector
Type
Style and
Contact
Footprint
Mating
Board
(Mating Area/
Post
Density
Shell Finish
Positions
Hardware
Mounting
Solder Tails)
Length
Receptacle
over
Receptacle
Plug
Duplex
over
Threaded
(.000030 [0.00076]
Plug
Front
9/9
See
Inserts
.120 [3.05]
Gold/Tin)
HD-20
Metal-Shell,
15/15
Customer
Dia. Holes
(.000010 [0.00025]
.125
Receptacle
Tin Plated
25/25
Drawings
Female
Gold/Tin)
[3.18]
over
(Pgs. 144-149, 151)
37/37
Screwlocks
Boardlocks
Plug
(Std.)
Duplex
(Gold Flash/Tin)
Plug
over
Receptacle
Right-Angle Stacked Connectors (Centerline-to-centerline height .750 [19.05])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com