Electronic Components Datasheet Search
  English  ▼

X  

684RLS050M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 684RLS050M
Description  85C Low Leakage Height Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

684RLS050M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  684RLS050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 684RLS050M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RLS
+85°C, Low Leakage 2000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
0.1
50
104RLS050M
1657.86
6
5x11
0.15
50
154RLS050M
1105.24
7
5x11
0.22
50
224RLS050M
753.575
8
5x11
0.33
50
334RLS050M
502.383
9
5x11
0.47
50
474RLS050M
352.737
10
5x11
0.68
50
684RLS050M
243.804
10
5x11
1
50
105RLS050M
165.786
19
5x11
1.5
50
155RLS050M
110.524
28
5x11
2.2
50
225RLS050M
75.358
33
5x11
3.3
50
335RLS050M
50.238
38
5x11
4.7
50
475RLS050M
35.274
50
5x11
6.8
50
685RLS050M
24.38
63
5x11
10
35
106RLS035M
19.894
57
5x11
10
50
106RLS050M
16.579
80
5x11
15
35
156RLS035M
13.263
70
5x11
15
50
156RLS050M
11.052
110
6.3x11
22
16
226RLS016M
12.057
75
5x11
22
25
226RLS025M
10.55
81
5x11
22
35
226RLS035M
9.043
100
6.3x11
22
50
226RLS050M
7.536
140
6.3x11
33
16
336RLS016M
8.038
95
5x11
33
35
336RLS035M
6.029
120
6.3x11
33
50
336RLS050M
5.024
170
8x11.5
47
10
476RLS010M
7.0547
105
5x11
47
16
476RLS016M
5.644
125
6.3x11
47
25
476RLS025M
4.938
136
6.3x11
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
47
50
476RLS050M
3.527
230
8x11.5
68
16
686RLS016M
3.901
150
6.3x11
68
35
686RLS035M
2.926
200
8x11.5
68
50
686RLS050M
2.438
295
10x12.5
100
10
107RLS010M
3.316
160
6.3x11
100
16
107RLS016M
2.652
212
8x11.5
100
25
107RLS025M
2.321
220
8x11.5
100
35
107RLS035M
1.989
255
10x12.5
100
50
107RLS050M
1.659
400
10x16
150
16
157RLS016M
1.768
255
8x11.5
150
25
157RLS025M
1.547
265
10x12.5
150
35
157RLS035M
1.326
295
10x16
150
50
157RLS050M
1.105
450
10x20
220
10
227RLS010M
1.507
274
8x11.5
220
16
227RLS016M
1.206
322
10x12.5
220
25
227RLS025M
1.055
375
10x16
220
35
227RLS035M
0.904
442
10x20
220
50
227RLS050M
0.754
550
12.5x20
330
10
337RLS010M
1.005
355
10x12.5
330
16
337RLS016M
0.804
425
10x16
330
25
337RLS025M
0.703
500
10x20
330
35
337RLS035M
0.603
595
12.5x20
470
10
477RLS010M
0.706
460
10x16
470
16
477RLS016M
0.564
505
10x20
1000
10
108RLS010M
0.332
805
12.5x20



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com