Electronic Components Datasheet Search
  English  ▼

X  

TOCP100QK Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TOCP100QK
Description  Fiber-Optic Devices Toslink
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TOCP100QK Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TOCP100QK Datasheet HTML 9Page - Toshiba Semiconductor TOCP100QK Datasheet HTML 10Page - Toshiba Semiconductor TOCP100QK Datasheet HTML 11Page - Toshiba Semiconductor TOCP100QK Datasheet HTML 12Page - Toshiba Semiconductor TOCP100QK Datasheet HTML 13Page - Toshiba Semiconductor TOCP100QK Datasheet HTML 14Page - Toshiba Semiconductor TOCP100QK Datasheet HTML 15Page - Toshiba Semiconductor TOCP100QK Datasheet HTML 16Page - Toshiba Semiconductor TOCP100QK Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
DC to 6
650
Up to 40
± 55
5
± 0.25 – 40 to 85 APF (980/1000)
TOCP100-
B/TOCP100P-
B
TOCP155-
B/TOCP155P-
B
DC to 10
670
Up to 50
± 30
5
± 0.25 – 40 to 85 APF (980/1000)
TOCP200-
B/TOCP200P-
B
TOCP255-
B/TOCP255P-
B
DC to 10
670
Up to 50
± 30
5
± 0.25 – 40 to 85 APF (980/1000)
TOCP100-
B/TOCP100P-
B
TOCP155-
B/TOCP155P-
B
DC to 8
800
Up to 1000
± 42
5
± 0.25 – 40 to 85
PCF (200/300)
TOCP100Q-
B/TOCP100X-
B
Up to 800
H-PCF (200/230) CF-1071 Series(4)
3. Optical Modules for Medium-Speed Data Transmission (simplex)
Notes : (1) Value for operation at Ta = 25
°C, VCC = 5 V
(3) It is necessary to change the external resistor value according to the transmission distance.
(4) CF-1071 Series is manufactured of Sumitomo Electronic Industries Ltd.
4. Optical Modules for Medium-Speed Data Transmission (duplex)
Notes : (1) Value for operation at Ta = 25
°C, VCC = 5 V
(3) It is necessary to change the external resistor value according to the transmission distance.
(5) CF-2071 Series is manufactured of Sumitomo Electronic Industries Ltd.
TODX294 (3)
TODX295 (3)
5. Ceramic Package Modules (simplex)
TOTX180
TORX186
TOTX180(3)
TORX180(3)
TOTX180A(3) TORX180(3)
Notes : (1) Value for operation at Ta = 25
°C, VCC = 5 V
(3) It is necessary to change the external resistor value according to the transmission distance.
(4) CF-1071 Series is manufactured of Sumitomo Electronic Industries Ltd.
TOTX194 (3) TORX194
TOTX195 (3) TORX194
Transmitting
Module
Receiving
Module
Data
Rate
(Mb/s, NRZ)
Wavelength
(nm)
Transmission
Distance
(m) (1)
Pulse Width
Distortion
(ns) (1)
Power Supply
Voltage
(V)
Appropriate
Optical Fiber Cable
(
µm)
Appropriate Optical Fiber Cable
with Fiber-Optic Connectors
Operating
Temperature
(
°C)
Transceiving Module
Data
Rate
(Mb/s, NRZ)
Wavelength
(nm)
Transmission
Distance
(m) (1)
Pulse Width
Distortion
(ns) (1)
Power Supply
Voltage
(V)
Appropriate
Optical Fiber Cable
(
µm)
Appropriate Optical Fiber Cable
with Fiber-Optic Connectors
Operating
Temperature
(
°C)
Transmitting
Module
Receiving
Module
Data
Rate
(Mb/s, NRZ)
Wavelength
(nm)
Transmission
Distance
(m) (1)
Pulse Width
Distortion
(ns) (1)
Power Supply
Voltage
(V)
Appropriate
Optical Fiber Cable
(
µm)
Appropriate Optical Fiber Cable
with Fiber-Optic Connectors
Operating
Temperature
(
°C)
DC to 10
800
Up to 1000
± 30
5
± 0.25 – 40 to 85
PCF (200/300)
TOCP100Q-
B/TOCP100X-
B
Up to 700
H-PCF (200/230) CF-1071 Series(4)
DC to 10
800
Up to 1000
± 30
5
± 0.25 – 40 to 85
PCF (200/300)
TOCP200Q-
B/TOCP200X-
B
Up to 700
H-PCF (200/230) CF-2071 Series(5)
DC to 6
800
Up to 1000
± 55
5
± 0.25 – 40 to 85
PCF (200/300)
TOCP100Q-
B/TOCP100X-
B
Up to 800
H-PCF (200/230) CF-1071 Series(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com