Electronic Components Datasheet Search
  English  ▼

X  

CMD2425 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # CMD2425
Description  Panel Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CMD2425 Datasheet(HTML) 2 Page - Crydom Inc.,

  CMD2425 Datasheet HTML 1Page - Crydom Inc., CMD2425 Datasheet HTML 2Page - Crydom Inc., CMD2425 Datasheet HTML 3Page - Crydom Inc., CMD2425 Datasheet HTML 4Page - Crydom Inc., CMD2425 Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INPUT SPECIFICATIONS (1)
Description
CMD
CMA
Control Voltage Range
3-32 VDC
90-140 Vrms
Maximum Reverse Voltage
32 VDC
-
Minimum Turn-On Voltage
3.0 VDC
90 Vrms
Minimum Turn-Off Voltage
1.0 VDC
10 Vrms
Maximum Input Current
30 mA
-
Typical Input current
17 mA @ 5 VDC
15 mA @ 120 Vrms
Maximum Turn-On Time [msec] (4)
1/2 Cycle
10
Maximum Turn-Off Time [msec]
1/2 Cycle
40
GENERAL SPECIFICATIONS
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 VDC)
109 Ohm
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-40 to 80 °C
Ambient Storage Temperature Range
-40 to 125 °C
Status Indicating Display
Green LED
Weight (typical)
3.0 oz (86.5 g)
Encapsulation
Thermally conductive Epoxy
Terminals
Cage type
Maximum Wire Size-Output:
AWG 8 (3.8mm)
Maximum Wire Size-Input:
AWG 12 (2.5mm)
Recommended Terminal Screw Torque Range:
Output: 10-15 in lb (1.1-1.7 Nm)
Input: 5-6 in lb (0.6-0.7 Nm)
GENERAL NOTES
1) All parameters at 25°C unless otherwise specified.
2) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
3) HEAT SINKING REQUIRED, FOR DERATING curves see page 2.
4) Turn-on time for DC control random turn-on versions is 0.02msec
5) Input circuitry incorporates active current limiter



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com