Electronic Components Datasheet Search
  English  ▼

X  

CMA2425 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # CMA2425
Description  Panel Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CMA2425 Datasheet(HTML) 1 Page - Crydom Inc.,

  CMA2425 Datasheet HTML 1Page - Crydom Inc., CMA2425 Datasheet HTML 2Page - Crydom Inc., CMA2425 Datasheet HTML 3Page - Crydom Inc., CMA2425 Datasheet HTML 4Page - Crydom Inc., CMA2425 Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CMD/CMA24 Series
• Ratings from 25A to 125A @ 24-280 VAC
• SCR output for heavy industrial loads
• AC or DC control
• LED input status indicator
• Zero-crossing (resistive loads) or random-fire (inductive loads) output
• IP20 touch-safe housing
• Standard box-clamp connections
PRODUCT SELECTION
Control Voltage
25A
50A
75A
90A
110A
125A
3-32 VDC
CMD2425
CMD2450
CMD2475
CMD2490
CMD24110
CMD24125
90-140 VAC
CMA2425
CMA2450
CMA2475
CMA2490
CMA24110
CMA24125
18-36 VAC
CMA2425E
CMA2450E
CMA2475E
CMA2490E
CMA24110E
CMA24125E
AVAILABLE OPTIONS
OUTPUT SPECIFICATIONS (1)
Description
25A
50A
75A
90A
110A
125A
Operating Voltage (47-63Hz) [Vrms]
24-280
24-280
24-280
24-280
24-280
24-280
Transient Overvoltage [Vpk]
600
600
600
600
600
600
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
10
10
10
10
10
10
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] (2)
500
500
500
500
500
500
Maximum Load Current (3) [Arms]
25
50
75
90
110
125
Minimum Load Current [Arms]
0.15
0.15
0.25
0.25
0.25
0.025
Maximum 1 Cycle Surge Current (50/60) [Apk]
239/250
597/625
954/1000
1145/1200
1432/1500
1670/1750
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.6
1.6
1.6
1.6
1.6
1.6
Thermal Resistance Junction to Case (Rjc) [°C/W]
1.02
0.63
0.31
0.28
0.25
0.22
Maximum I² t for Fusing 50/60Hz (1/2 cycle) [A² sec]
285/259
1779/1621
4555/4150
6560/5976
10249/9338
13950/12709
Minimum Power Factor (with Maximum Load)
0.5
0.5
0.5
0.5
0.5
0.5


Similar Part No. - CMA2425

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CMA2425 CRYDOM-CMA2425 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
More results

Similar Description - CMA2425

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
Panel Mount
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
PANEL MOUNT
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
panel mount
logo
Pepperl+Fuchs Inc.
V1D-M16-V1D PF-V1D-M16-V1D Datasheet
141Kb / 1P
panel mount
2018-11-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com