Electronic Components Datasheet Search
  English  ▼

X  

AD534JDZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD534JDZ
Description  Internally Trimmed Precision IC Multiplier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD534JDZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD534JDZ Datasheet HTML 3Page - Analog Devices AD534JDZ Datasheet HTML 4Page - Analog Devices AD534JDZ Datasheet HTML 5Page - Analog Devices AD534JDZ Datasheet HTML 6Page - Analog Devices AD534JDZ Datasheet HTML 7Page - Analog Devices AD534JDZ Datasheet HTML 8Page - Analog Devices AD534JDZ Datasheet HTML 9Page - Analog Devices AD534JDZ Datasheet HTML 10Page - Analog Devices AD534JDZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AD534
Rev. C | Page 6 of 20
AD534S
AD534T
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
DIVIDER PERFORMANCE
Transfer Function (X1 > X2)
1
2
1
1
2
Y
X
X
Z
Z
+
−
−
)
(
)
(
V
10
1
2
1
1
2
Y
X
X
Z
Z
+
−
−
)
(
)
(
V
10
Total Error1
X = 10 V, −10 V ≤ Z ≤ +10 V
±0.75
±0.35
%
X = 1 V, −1 V ≤ Z ≤ +1 V
±2.0
±1.0
%
0.1 V ≤ X ≤ 10 V, −10 V ≤ Z ≤ +10 V
±2.5
±1.0
%
SQUARER PERFORMANCE
Transfer Function
2
2
1
Z
X
X
+
−
V
10
)
(
2
2
2
1
Z
X
X
+
−
V
10
)
(
2
Total Error (−10 V ≤ X ≤ +10 V)
±0.6
±0.3
%
SQUARE-ROOTER PERFORMANCE
Transfer Function (Z1 ≤ Z2)
√(10 V(Z2 – Z1)) + X2
√(10 V(Z2 – Z1)) + X2
Total Error1 (1 V ≤ Z ≤ 10 V)
±1.0
±0.5
%
POWER SUPPLY SPECIFICATIONS
Supply Voltage
Rated Performance
±15
±15
V
Operating
±8
±222
±8
±222
V
Supply Current
Quiescent
4
62
4
62
mA
1 Specifications given are percent of full scale, ±10 V (that is, 0.01% = 1 mV).
2 Tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels.
3 Can be reduced down to 3 V using external resistor between –VS and SF.
4 Irreducible component due to nonlinearity: excludes effect of offsets.
5 Using external resistor adjusted to give SF = 3 V.
6 See
for definition of sections.
Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com