Electronic Components Datasheet Search
  English  ▼

X  

UVTOP295 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # UVTOP295
Description  Deep Ultraviolet Light Emission Source
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

UVTOP295 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  UVTOP295 Datasheet HTML 1Page - Roithner LaserTechnik GmbH UVTOP295 Datasheet HTML 2Page - Roithner LaserTechnik GmbH UVTOP295 Datasheet HTML 3Page - Roithner LaserTechnik GmbH UVTOP295 Datasheet HTML 4Page - Roithner LaserTechnik GmbH UVTOP295 Datasheet HTML 5Page - Roithner LaserTechnik GmbH UVTOP295 Datasheet HTML 6Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.roithner-laser.com
1
UVTOP295
Description
UVTOP295 is a series of AlGaN based deep UV-LEDs with a typical peak wavelength of 300nm and optical
output power of 300-500 µW. It comes in hermetically sealed TO39 or TO18 metal can package with ball lens,
hemispherical lens, or flat glass window configuration. UVTOP295 is widely used for UV-curing, forensic
analysis, protein analysis, DNA sequencing and phototherapy applications.
Maximum Ratings (T
CASE = 25°C)
Parameter
Symbol
Values
Unit
Min.
Max.
Power Dissipation, DC
PD
150
mW
Forward Current, DC
IF
30
mA
Pulsed Current (1% duty cycle, 1kHz)
IFP
200
mA
Reverse Voltage
UR
-6
V
Operating Temperature
Topr
-30
+55
°C
Storage Temperature
Tstg
-30
+100
°C
Soldering Temperature (max. 5s)
Tsol
+190
°C
General Characteristics (T
CASE = 25°C, IF = 20mA)
Parameter
Symbol
Values
Unit
Min.*
Typ.*
Max.*
Peak Wavelength
λP
295
300
305
nm
Half Width (FWHM)
∆λ
12
15
nm
Forward Voltage
UF
5.5
7.5
V
*wavelength measurement tolerance: ± 2 nm, forward voltage measurement tolerance: ± 2 %
Electro-Optical Characteristics (T
CASE = 25°C, IF = 20mA)
Part Number
Package
Window
Optical Power
POUT (µW)
View. Angle
2Ө1/2 (°)
Min.*
Typ.*
Typ.
UVTOP295-FW-TO39
TO-39
Flat Window
300
500
120
UVTOP295-TFW-TO39
Flat Window
100
200
120
UVTOP295-TFWR-TO39
Flat Window
150
400
120
UVTOP295-HL-TO39
Hemisph. Lens
300
350
7
UVTOP295-BL-TO39
Ball Lens
300
500
7
UVTOP295-FW-TO18
TO-18
Flat Window
300
500
120
UVTOP295-BL-TO18
Ball Lens
300
500
10
*output power measurement tolerance: ± 10 %
Open Can version (TO18 or TO39, no cap, no window) available on request
v 2.0 24.06.2013


Similar Part No. - UVTOP295

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
UVTOP240 ROITHNER-UVTOP240 Datasheet
1Mb / 6P
Deep Ultraviolet Light Emission source
UVTOP255 ROITHNER-UVTOP255 Datasheet
1Mb / 6P
Deep Ultraviolet Light Emission Source
UVTOP260 ROITHNER-UVTOP260 Datasheet
1Mb / 6P
Deep Ultraviolet Light Emission Source
UVTOP260-HL-TO39 ROITHNER-UVTOP260-HL-TO39 Datasheet
521Kb / 5P
Deep Ultraviolet Light Emission Source
UVTOP270 ROITHNER-UVTOP270 Datasheet
1Mb / 6P
Deep Ultraviolet Light Emission Source
More results

Similar Description - UVTOP295

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
UVTOP260 ROITHNER-UVTOP260 Datasheet
1Mb / 6P
Deep Ultraviolet Light Emission Source
UVTOP335 ROITHNER-UVTOP335 Datasheet
1Mb / 6P
Deep Ultraviolet Light Emission Source
DUV325-CHIP ROITHNER-DUV325-CHIP Datasheet
913Kb / 5P
Deep Ultraviolet Light Emission Source
DUV340-CHIP ROITHNER-DUV340-CHIP Datasheet
962Kb / 5P
Deep Ultraviolet Light Emission Source
DUV-FW5 ROITHNER-DUV-FW5 Datasheet
1Mb / 4P
Deep Ultraviolet Light Emission Source
DUV-HL18M ROITHNER-DUV-HL18M Datasheet
1Mb / 4P
Deep Ultraviolet Light Emission Source
DUV-HL18W ROITHNER-DUV-HL18W Datasheet
1Mb / 4P
Deep Ultraviolet Light Emission Source
DUV-HL46N ROITHNER-DUV-HL46N Datasheet
1Mb / 4P
Deep Ultraviolet Light Emission Source
UVTOP270-SMD ROITHNER-UVTOP270-SMD Datasheet
1Mb / 6P
deep ultraviolet light emission source
UVTOP305-SMD ROITHNER-UVTOP305-SMD Datasheet
1Mb / 6P
deep ultraviolet light emission source
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com