Electronic Components Datasheet Search
  English  ▼

X  

AD1403 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1403
Description  Low Cost, Precision 2.5 V IC References
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1403 Datasheet(HTML) 3 Page - Analog Devices

  AD1403 Datasheet HTML 1Page - Analog Devices AD1403 Datasheet HTML 2Page - Analog Devices AD1403 Datasheet HTML 3Page - Analog Devices AD1403 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AD1403/AD1403A
REV. A
–3–
Figure 3. Typical Change in VOUT vs. VIN
(Normalized to VOUT @ VlN = 15 V @ TC = 25°C)
Figure 4. Change in Output Voltage vs. Load Current
(Normalized to VOUT @ VIN = 15 V, lOUT = 0 mA)
Figure 5. Quiescent Current vs. Temperature
(VIN = 15 V, IOUT = 0 mA)
Typical Performance Curves–
Figure 6. Change in VOUT vs. Temperature
(Normalized to VOUT @ VIN = 15 V)
Figure 7. Change in VOUT vs. Temperature
(Normalized to VOUT @ VlN = 15 V, IOUT = 0 mA)
VOLTAGE VARIATION VS. TEMPERATURE AND LINE
Some confusion exists in the area of defining and specifying ref-
erence voltage error over temperature. Historically, references
are characterized using a maximum deviation per degree Centi-
grade; i.e., 10 ppm/
°C. However, because of the inconsistent
nonlinearities in Zener references (butterfly or “S” type charac-
teristics), most manufacturers use a maximum limit error band
approach to characterize their references. This technique mea-
sures the output voltage at 3 to 5 different temperatures and
guarantees that the output voltage deviation will fall within the
guaranteed error band at these discrete temperatures. This ap-
proach, of course, makes no mention or guarantee of perfor-
mance at any other temperature within the operating
temperature range of the device.
The consistent Voltage vs. Temperature performance of a typi-
cal AD1403 is shown in Figure 6. Note that the characteristic is
quasi-parabolic, not the possible “S” type characteristics of clas-
sical Zener references. This parabolic characteristic permits a
maximum output deviation specification over the device’s full
operating temperature range, rather than just at 3 to 5 discrete
temperatures.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com