Electronic Components Datasheet Search
  English  ▼

X  

AD1955ARS Datasheet(PDF) 12 Page - Analog Devices

Part # AD1955ARS
Description  High Performance Multibit with SACD Playback
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1955ARS Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1955ARS Datasheet HTML 8Page - Analog Devices AD1955ARS Datasheet HTML 9Page - Analog Devices AD1955ARS Datasheet HTML 10Page - Analog Devices AD1955ARS Datasheet HTML 11Page - Analog Devices AD1955ARS Datasheet HTML 12Page - Analog Devices AD1955ARS Datasheet HTML 13Page - Analog Devices AD1955ARS Datasheet HTML 14Page - Analog Devices AD1955ARS Datasheet HTML 15Page - Analog Devices AD1955ARS Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
REV. 0
–12–
AD1955
TPC 31. FFT Plot, 64
fS DSD, SR = 44.1 kHz,
0 dBFS @ 10 kHz
TPC 32. Wideband FFT Plot, 64
fS DSD,
SR = 44.1 kHz, 0 dBFS @ 10 kHz
(continued from page 1)
sample rate converters. The AD1955 can be configured in left-
justified, I
2S, right-justified, or DSP serial port compatible
modes. It can support MSB first, twos complement format, 16,
18, 20, and 24 bits in all standard PCM modes. The AD1955
also has an interface for SACD playback and an external digital
filter interface for use with an external digital interpolation filter
or HDCD decoder. The AD1955 uses a 5 V power supply. It is
fabricated on a single monolithic integrated circuit and is housed
in a 28-lead SSOP package for operation over the temperature
range –40
°C to +85°C.
OPERATING FEATURES
Serial Data Input Port
The AD1955’s flexible serial data input port accepts standard
PCM audio data and external digital filter output data in twos
complement, MSB-first format in PCM/External Digital Filter
Mode, and a dedicated SACD serial port accepts DSD bit stream
data in SACD Mode. If the PCM Mode is selected by Control
Register 0 Bits 12 and 13, the left channel data field always pre-
cedes the right channel data field. The serial data format and
word length in PCM Mode are set by the mode select bits (Bits 4
and 5 and Bits 2 and 3, respectively) in the SPI control register.
In all data formats except for the Right-Justified Mode, the
serial port will accept an arbitrary number of bits up to a limit of
24 (extra bits will not cause an error, but they will be truncated
internally). In Right-Justified Mode, Control Register 0, Bits 2
and 3 are used to set the word length to 16, 18, 20, or 24 bits.
The default on power up is 24-bit, I
2S.
In the External Digital Filter Mode, selected by Control Regis-
ter 0 Bits 12 and 13, Bits 2 and 3 are used to set the word length
to 16, 18, 20, or 24 bits and the format is set with Bits 4 and 5.
For a burst-mode clock, the format should be set to left-justified.
DSP Mode is not used. The LRCLK is always falling-edge active.
The default on power-up is 24-bit mode in PCM and External
Digital Filter Mode.
In SACD Mode, selected by Control Register 0 Bits 12 and 13,
the SACD port will accept a DSD bit stream.
When the SPI Control Port is not being used, the SPI pins (24,
25, and 26) should be tied to DGND or DVDD.
Serial Data Format in PCM Mode
The supported formats are shown in Figure 1. For detailed
timing, see Figure 2.
In Left-Justified Mode, LRCLK is high for the left channel and
low for the right channel. Data should be valid on the rising
edge of BCLK. The MSB is left-justified to an LRCLK transi-
tion, with no MSB delay.
In I
2S Mode, LRCLK is low for the left channel and high for
the right channel. Data should be valid on the rising edge of
BCLK. The MSB is left-justified to an LRCLK transition but
with a single BCLK period delay.
In DSP serial port mode, LRCLK must pulse high for at least
one bit clock period before the MSB of the left channel is valid,
and LRCLK must pulse high again for at least one bit clock
period before the MSB of the right channel is valid. Data should
be valid on the falling edge of BCLK. The DSP serial port mode
can be used with any word length up to 24 bits.
In this mode, it is the responsibility of the DSP to ensure that the
left data is transmitted with the first LRCLK pulse after RESET,
and that synchronism is maintained from that point forward.
In Right-Justified Mode (16 bits shown), LRCLK is high for the
left channel and low for the right channel. Data should be valid
on the rising edge of BCLK.
In normal operation, there are 64 bit clocks per frame (or 32 per
half-frame). When the SPI word length control bits (Bits 2 and
3 in Control Register 0) are set to 24 bits (0:0), the serial port
will begin to accept data starting at the eighth bit clock pulse
after the LRCLK transition. When the word length control bits
are set to 20-bit mode, data is accepted starting at the 12
th bit
clock position. In 18-bit mode, data is accepted starting at the
14
th bit clock position. In 16-bit mode, data is accepted starting
at the 16th bit clock position.
Note that the AD1955 is capable of a 32
fS BCLK frequency
“packed mode” where the MSB is left-justified to an LRCLK
transition, and the LSB is right-justified to the next LRCLK
transition. LRCLK is high for the left channel, and low for the
right channel. Data is valid on the rising edge of BCLK. Packed
mode can be used when the AD1955 is programmed in Left-
Justified Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com