Electronic Components Datasheet Search
  English  ▼

X  

AD1955ARSRL Datasheet(PDF) 7 Page - Analog Devices

Part # AD1955ARSRL
Description  High Performance Multibit with SACD Playback
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1955ARSRL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1955ARSRL Datasheet HTML 3Page - Analog Devices AD1955ARSRL Datasheet HTML 4Page - Analog Devices AD1955ARSRL Datasheet HTML 5Page - Analog Devices AD1955ARSRL Datasheet HTML 6Page - Analog Devices AD1955ARSRL Datasheet HTML 7Page - Analog Devices AD1955ARSRL Datasheet HTML 8Page - Analog Devices AD1955ARSRL Datasheet HTML 9Page - Analog Devices AD1955ARSRL Datasheet HTML 10Page - Analog Devices AD1955ARSRL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
REV. 0
Typical Performance Characteristics–AD1955
–7–
TPC 1. Pass-Band Response, 8
Mode, 48 kHz Sample Rate
TPC 2. Complete Response, 8
Mode, 48 kHz Sample Rate
TPC 3. 44 kHz Pass-Band Response 4
Mode, 96 kHz
Sample Rate
TPC 4. Complete Response, 4
Mode, 96 kHz Sample Rate
TPC 5. Pass-Band Response, 2
Mode, 192 kHz
Sample Rate
TPC 6
. Complete Response, 2
Mode, 192 kHz
Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com