Electronic Components Datasheet Search
  English  ▼

X  

AD5245BRJZ50-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5245BRJZ50-R2
Description  256-Position I2C-Compatible Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5245BRJZ50-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5245BRJZ50-R2 Datasheet HTML 7Page - Analog Devices AD5245BRJZ50-R2 Datasheet HTML 8Page - Analog Devices AD5245BRJZ50-R2 Datasheet HTML 9Page - Analog Devices AD5245BRJZ50-R2 Datasheet HTML 10Page - Analog Devices AD5245BRJZ50-R2 Datasheet HTML 11Page - Analog Devices AD5245BRJZ50-R2 Datasheet HTML 12Page - Analog Devices AD5245BRJZ50-R2 Datasheet HTML 13Page - Analog Devices AD5245BRJZ50-R2 Datasheet HTML 14Page - Analog Devices AD5245BRJZ50-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD5245
Rev. B | Page 11 of 20
10k
100k
1M
10M
–5.5
–6.0
–6.5
–7.0
–7.5
–8.0
–8.5
–9.0
–9.5
–10.0
–10.5
REF LEVEL
–5.000dB
/DIV
0.500dB
START 1 000.000Hz
STOP 1 000 000.000Hz
R = 5kΩ
R = 10kΩ
R = 50kΩ
R = 100kΩ
5kΩ – 1.026MHz
10kΩ – 511kHz
50kΩ – 101kHz
100kΩ – 54kHz
Figure 22. –3 dB Bandwidth @ Code = 0x80
FREQUENCY (Hz)
10k
100
100k
1M
1k
0
20
40
60
CODE = 0x80, VA= VDD, VB = 0V
PSRR @ VDD = 3V DC ±10% p-p AC
PSRR @ VDD = 5V DC ±10% p-p AC
Figure 23. PSRR vs. Frequency
FREQUENCY (Hz)
10k
800
700
600
500
400
300
900
200
100
100k
1M
10M
0
CODE = 0x55
CODE = 0xFF
VDD = 5V
Figure 24. IDD vs. Frequency
VW
SCL
Ch 1 200mV BW Ch 2 5.00 V BW M 100ns A CH2 3.00 V
1
2
Figure 25. Large Signal Settling Time, Code 0xFF ≥ 0x00
VW
SCL
Ch 1 100mV BW
Ch 2 5.00 V BW M 200ns A CH1 152mV
1
2
VA = 5V
VB = 0V
Figure 26. Digital Feedthrough
VW
SCL
Ch 1 5.00V BW
Ch 2 5.00 V BW M 200ns A CH1 3.00 V
1
2
VA = 5V
VB = 0V
Figure 27. Midscale Glitch, Code 0x80 ≥ 0x7F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com