Electronic Components Datasheet Search
  English  ▼

X  

AD5764ASUZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD5764ASUZ
Description  Complete Quad, 16-Bit, High Accuracy
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5764ASUZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5764ASUZ Datasheet HTML 19Page - Analog Devices AD5764ASUZ Datasheet HTML 20Page - Analog Devices AD5764ASUZ Datasheet HTML 21Page - Analog Devices AD5764ASUZ Datasheet HTML 22Page - Analog Devices AD5764ASUZ Datasheet HTML 23Page - Analog Devices AD5764ASUZ Datasheet HTML 24Page - Analog Devices AD5764ASUZ Datasheet HTML 25Page - Analog Devices AD5764ASUZ Datasheet HTML 26Page - Analog Devices AD5764ASUZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
AD5764
Rev. F | Page 23 of 28
OFFSET AND GAIN ADJUSTMENT WORKED
EXAMPLE
Using the information provided in the Fine Gain Register and
Offset Register sections, the following worked example demon-
strates how the AD5764 functions can be used to eliminate both
offset and gain errors. Because the AD5764 is factory calibrated,
offset and gain errors should be negligible. However, errors can
be introduced by the system that the AD5764 is operating within;
for example, a voltage reference value that is not equal to 5 V
introduces a gain error. An output range of ±10 V and twos
complement data coding is assumed.
Removing Offset Error
The AD5764 can eliminate an offset error in the range of −4.88 mV
to +4.84 mV with a step size of ⅛ of a 16-bit LSB.
Calculate the step size of the offset adjustment.
μV
14
.
38
8
2
20
16
=
×
=
Size
Step
Adjust
Offset
Measure the offset error by programming 0x0000 to the data
register and measuring the resulting output voltage. For this
example, the measured value is 614 μV.
Calculate the number of offset adjustment steps that this value
represents.
Steps
16
μV
14
.
38
μV
614
=
=
=
Size
Step
Offset
Value
Offset
Measured
Steps
of
Number
The offset error measured is positive, therefore, a negative
adjustment of 16 steps is required. The offset register is eight
bits wide and the coding is twos complement. The required
offset register value can be calculated as follows:
Convert the adjustment value to binary: 00010000.
Convert this to a negative twos complement number by inverting
all bits and adding 1 to obtain 11110000, the value that should
be programmed to the offset register.
Note that this twos complement conversion is not necessary in the
case of a positive offset adjustment. The value to be programmed to
the offset register is simply the binary representation of the
adjustment value.
Removing Gain Error
The AD5764 can eliminate a gain error at negative full-scale
output in the range of −9.77 mV to +9.46 mV with a step size of
½ of a 16-bit LSB.
Calculate the step size of the gain adjustment.
μV
59
.
152
2
2
20
16
=
×
=
Size
Step
Adjust
Gain
Measure the gain error by programming 0x8000 to the data
register and measuring the resulting output voltage. The gain
error is the difference between this value and −10 V. For this
example, the gain error is −1.2 mV.
Calculate how many gain adjustment steps this value represents.
Steps
8
μV
59
.
152
mV
2
.
1
=
=
=
Size
Step
Gain
Value
Gain
Measured
Steps
of
Number
The gain error measured is negative (in terms of magnitude);
therefore, a positive adjustment of eight steps is required. The
gain register is 6 bits wide and the coding is twos complement,
the required gain register value can be determined as follows:
Convert the adjustment value to binary: 001000.
The value to be programmed to the gain register is simply this
binary number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com