Electronic Components Datasheet Search
  English  ▼

X  

AD574AT Datasheet(PDF) 11 Page - Analog Devices

Part # AD574AT
Description  Complete 12-Bit A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD574AT Datasheet(HTML) 11 Page - Analog Devices

Back Button AD574AT Datasheet HTML 4Page - Analog Devices AD574AT Datasheet HTML 5Page - Analog Devices AD574AT Datasheet HTML 6Page - Analog Devices AD574AT Datasheet HTML 7Page - Analog Devices AD574AT Datasheet HTML 8Page - Analog Devices AD574AT Datasheet HTML 9Page - Analog Devices AD574AT Datasheet HTML 10Page - Analog Devices AD574AT Datasheet HTML 11Page - Analog Devices AD574AT Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD574A
REV. B
–11–
Figure 15. Z80—AD574A Interface
Figure 16. Wait State Generator
IBM PC Interface
The AD574A appears in Figure 17 interfaced to the 4 MHz
8088 processor of an IBM PC. Since the device resides in I/O
space, its address is decoded from only the lower ten address
lines and must be gated with AEN (active low) to mask out in-
ternal DMA cycles which use the same I/O address space. This
active low signal is applied to CS. IOR and IOW are used to
initiate the conversion and read, and are gated together to drive
the chip enable, CE. Because the data bus width is limited to
8 bits, the AD574A data resides in two adjacent addresses
selected by A0.
Figure 17. IBM PC—AD574A Interface
Note: Due to the large number of options that may be installed
in the PC, the I/O bus loading should be limited to one Schottky
TTL load. Therefore, a buffer/driver should be used when inter-
facing more than two AD574As to the I/O bus.
8086 Interface
The data mode select pin (12/8) of the AD574A should be con-
nected to VLOGIC to provide a 12-bit data output. To prevent
possible bus contention, a demultiplexed and buffered address/
data bus is recommended. In the cases where the 8-bit short
conversion cycle is not used, A0 should be tied to digital com-
mon. Figure 18 shows a typical 8086 configuration.
Figure 18. 8086—AD574A with Buffered Bus lnterface
For clock speeds greater than 4 MHz wait state insertion similar
to Figure 16 is recommended to ensure sufficient CE and R/C
pulse duration.
The AD574A can also be interfaced in a stand-alone mode (see
Figure 13). A low going pulse derived from the 8086’s WR sig-
nal logically ORed with a low address decode starts the conver-
sion. At the end of the conversion, STS clocks the data into the
three-state latches.
68000 Interface
The AD574, when configured in the stand-alone mode, will eas-
ily interface to the 4 MHz version of the 68000 microprocessor.
The 68000 R/W signal combined with a low address decode ini-
tiates conversion. The UDS or LDS signal, with the decoded
address, generates the DTACK input to the processor, latching
in the AD574A’s data. Figure 19 illustrates this configuration.
Figure 19. 68000—AD574A Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com