| Electronic Components Datasheet Search |
|
AD7671ASTZ Datasheet(PDF) 18 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7671ASTZ Datasheet(HTML) 18 Page - Analog Devices |
|
18 / 24 page ![]() AD7671 –18– t3 BUSY CS, RD CNVST SYNC SCLK SDOUT t28 t29 t14 t18 t19 t20 t21 t24 t26 t27 t23 t22 t16 t15 12 3 14 15 16 D15 D14 D2 D1 D0 X EXT/ INT = 0 RDC/SDIN = 0 INVSCLK = INVSYNC = 0 t25 t30 Figure 17. Master Serial Data Timing for Reading (Read after Convert) EXT/ INT = 0 RDC/SDIN = 1 INVSCLK = INVSYNC = 0 t3 t1 t17 t14 t19 t20 t21 t24 t26 t25 t27 t23 t22 t16 t15 D15 D14 D2 D1 D0 X 12 3 14 15 16 t18 BUSY SYNC SCLK SDOUT CS, RD CNVST Figure 18. Master Serial Data Timing for Reading (Read Previous Conversion during Convert) MASTER SERIAL INTERFACE Internal Clock The AD7671 is configured to generate and provide the serial data clock SCLK when the EXT/ INT pin is held LOW. It also gener- ates a SYNC signal to indicate to the host when the serial data is valid. The serial clock SCLK and the SYNC signal can be inverted if desired. Depending on RDC/SDIN input, the data can be read after each conversion or during conversion. Figures 17 and 18 show the detailed timing diagrams of these two modes. Usually, because the AD7671 is used with a fast throughput, the mode master, read during conversion, is the most recommended Serial Mode when it can be used. In Read-during-Conversion Mode, the serial clock and data toggle at appropriate instants, which minimizes potential feedthrough between digital activity and the critical conversion decisions. In Read-after-Conversion Mode, it should be noted that unlike in other modes, the signal BUSY returns LOW after the 16 data bits are pulsed out and not at the end of the conversion phase, which results in a longer BUSY width. While the AD7671 is performing a bit decision, it is important that voltage transients not occur on digital input/output pins or degra- dation of the conversion result could occur. This is particularly important during the second half of the conversion phase because REV. C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |