Electronic Components Datasheet Search
  English  ▼

X  

AD7650 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7650
Description  16-Bit, 1 MSPS CMOS ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7650 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7650 Datasheet HTML 6Page - Analog Devices AD7650 Datasheet HTML 7Page - Analog Devices AD7650 Datasheet HTML 8Page - Analog Devices AD7650 Datasheet HTML 9Page - Analog Devices AD7650 Datasheet HTML 10Page - Analog Devices AD7650 Datasheet HTML 11Page - Analog Devices AD7650 Datasheet HTML 12Page - Analog Devices AD7650 Datasheet HTML 13Page - Analog Devices AD7650 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD7671
–10–
0
FREQUENCY – kHz
100
200
300
400
500
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
FS = 1MSPS
fIN = 45.5322kHz
SNR = 89.45dB
THD = –100.05dB
SFDR = 100.49dB
SINAD = 89.1dB
TPC 7. FFT Plot
FREQUENCY – kHz
70
110
75
85
95
100
1000
SNR
100
90
80
13.0
13.5
14.5
15.5
16.0
15.0
14.0
SINAD
ENOB
TPC 8. SNR, S/(N + D), and ENOB vs. Frequency
92
INPUT LEVEL – dB
–80
90
88
86
–70
–60
–50
–40
–30
–20
–10
0
TPC 9. SNR vs. Input Level
96
93
90
87
84
–98
–100
–102
–104
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE – C
THD
SNR
TPC 10. SNR, THD vs. Temperature
THD
SECOND HARMONIC
THIRD HARMONIC
SFDR
–60
–65
–70
–75
–80
–85
–90
–95
–100
–105
–110
–115
110
105
100
95
90
85
80
75
70
65
60
1
10
100
1000
FREQUENCY – kHz
TPC 11. THD, Harmonics, and SFDR vs. Frequency
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–60
–50
–40
–30
–20
–10
0
INPUT LEVEL – dB
THD
THIRD HARMONIC
SECOND HARMONIC
TPC 12. THD, Harmonics vs. Input Level
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com