Electronic Components Datasheet Search
  English  ▼

X  

AD7664 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7664
Description  16-Bit, 1 MSPS CMOS ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7664 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7664 Datasheet HTML 16Page - Analog Devices AD7664 Datasheet HTML 17Page - Analog Devices AD7664 Datasheet HTML 18Page - Analog Devices AD7664 Datasheet HTML 19Page - Analog Devices AD7664 Datasheet HTML 20Page - Analog Devices AD7664 Datasheet HTML 21Page - Analog Devices AD7664 Datasheet HTML 22Page - Analog Devices AD7664 Datasheet HTML 23Page - Analog Devices AD7664 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD7671
–20–
To reduce performance degradation due to digital activity, a fast
discontinuous clock of at least 25 MHz when Impulse Mode is
used, 32 MHz when Normal or 40 MHz when Warp Mode is
used, is recommended to ensure that all the bits are read during
the first half of the conversion phase. It is also possible to begin
to read the data after conversion and continue to read the last bits
even after a new conversion has been initiated. That allows the use
of a slower clock speed like 18 MHz in Impulse Mode, 21 MHz
in Normal Mode, and 26 MHz in Warp Mode.
MICROPROCESSOR INTERFACING
The AD7671 is ideally suited for traditional dc measurement
applications supporting a microprocessor and ac signal processing
applications interfacing to a digital signal processor. The AD7671
is designed to interface either with a parallel 8-bit or 16-bit wide
interface or with a general-purpose Serial Port or I/O Ports on a
microcontroller. A variety of external buffers can be used with
the AD7671 to prevent digital noise from coupling into the ADC.
The following sections illustrate the use of the AD7671 with an
SPI equipped microcontroller, the ADSP-21065L and ADSP-218x
signal processors.
SPI Interface (MC68HC11)
Figure 22 shows an interface diagram between the AD7671 and an
SPI-equipped microcontroller, such as the MC68HC11. To accom-
modate the slower speed of the microcontroller, the AD7671 acts as
a slave device and data must be read after conversion. This mode
also allows the daisy-chain feature. The convert command could be
initiated in response to an internal timer interrupt. The reading of
output data, one byte at a time if necessary, could be initiated in
response to the end-of-conversion signal (BUSY going low) using
an interrupt line of the microcontroller. The serial peripheral
interface (SPI) on the MC68HC11 is configured for Master Mode
(MSTR) = 1, Clock Polarity Bit (CPOL) = 0, Clock Phase Bit
(CPHA) = 1, and SPI interrupt enable (SPIE) = 1 by writing to
the SPI Control Register (SPCR). The IRQ is configured for edge-
sensitive-only operation (IRQE = 1 in the OPTION register).
IRQ
MC68HC11*
CNVST
AD7671*
BUSY
CS
MISO/SDI
SCK
I/O PORT
SDOUT
SCLK
INVSCLK
EXT/
INT
DVDD
*ADDITIONAL PINS OMITTED FOR CLARITY
SER/
PAR
RD
Figure 22. Interfacing the AD7671 to SPI Interface
ADSP-21065L in Master Serial Interface
As shown in Figure 23, the AD7671 can be interfaced to the
ADSP-21065L using the serial interface in Master Mode without
any glue logic required. This mode combines the advantages
of reducing the wire connections and the ability to read the
data during or after conversion at maximum speed transfer
(DIVSCLK[0:1] both low).
The AD7671 is configured for the Internal Clock Mode (EXT/
INT
LOW) and acts therefore as the master device. The convert
command can be generated by either an external low jitter oscil-
lator or, as shown, by a FLAG output of the ADSP-21065L or by
a frame output TFS of one Serial Port of the ADSP-21065L, which
can be used like a timer. The Serial Port on the ADSP-21065L
is configured for external clock (IRFS = 0), rising edge active
(CKRE = 1), external late framed sync signals (IRFS = 0,
LAFS = 1, RFSR = 1), and active HIGH (LRFS = 0). The Serial
Port of the ADSP-21065L is configured by writing to its receive
control register (SRCTL)—see ADSP-2106x SHARC User’s
Manual. Because the Serial Port within the ADSP-21065L will
be seeing a discontinuous clock, an initial word reading has to
be done after the ADSP-21065L has been reset to ensure that
the Serial Port is properly synchronized to this clock during each
following data read operation.
CNVST
SDOUT
SCLK
D1
D0
X
D15
D14
D13
12
3
14
15
16
t3
t35
t36 t37
t31
t32
t16
BUSY
INVSCLK = 0
CS
EXT/
INT = 1
RD = 0
Figure 21. Slave Serial Data Timing for Reading (Read Previous Conversion during Convert)
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com