Electronic Components Datasheet Search
  English  ▼

X  

AD7663 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7663
Description  18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7663 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7663 Datasheet HTML 12Page - Analog Devices AD7663 Datasheet HTML 13Page - Analog Devices AD7663 Datasheet HTML 14Page - Analog Devices AD7663 Datasheet HTML 15Page - Analog Devices AD7663 Datasheet HTML 16Page - Analog Devices AD7663 Datasheet HTML 17Page - Analog Devices AD7663 Datasheet HTML 18Page - Analog Devices AD7663 Datasheet HTML 19Page - Analog Devices AD7663 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD7679
Rev. A | Page 16 of 28
Transfer Functions
Except in 18-bit interface mode, the AD7679 offers straight
binary and twos complement output coding when using OB/2C.
See
and
for the ideal transfer characteristic.
Figure 24
Table 8
000...000
000...001
000...010
111...101
111...110
111...111
ANALOG INPUT
+FS – 1.5 LSB
+FS – 1 LSB
–FS + 1 LSB
–FS
–FS + 0.5 LSB
03085-0-026
Figure 24. ADC Ideal Transfer Function
Table 8. Output Codes and Ideal Input Voltages
Description
Analog Input
VREF = 4.096 V
Straight
Binary
(Hex)
Twos
Complement
(Hex)
FSR –1 LSB
4.095962 V
3FFFF1
1FFFF1
FSR – 2 LSB
4.095924 V
3FFFE
1FFFE
Midscale +
1 LSB
31.25 μV
20001
00001
Midscale
0 V
20000
00000
Midscale –
1 LSB
–31.25 μV
1FFFF
3FFFF
–FSR + 1 LSB
-4.095962 V
00001
20001
–FSR
-4.096 V
000002
200002
1 This is also the code for overrange analog input (VIN+ – VIN–
above VREF – VREFGND).
2 This is also the code for underrange analog input (VIN+ – VIN–
below –VREF + VREFGND).
AVDD
AGND
DGND
DVDD
OVDD
OGND
CNVST
BUSY
SDOUT
SCLK
RD
CS
RESET
PD
2.5V REF
NOTE 1
REFBUFIN
20
Ω
D
CLOCK
AD7679
μC/μP/DSP
SERIAL PORT
DIGITAL SUPPLY
(3.3V OR 5V)
ANALOG
SUPPLY
(5V)
DVDD
OB/2C
NOTE 6
PDBUF
DVDD
50k
Ω
100nF
1M
Ω
IN+
ANALOG INPUT+
CC
2.7nF
U1
NOTE 3
NOTE 4
AD8021
–
+
30
Ω
NOTE 2
NOTE 5
ADR421
10
μF
100nF
+
10
μ F
100nF
+
100nF
+
10
μ F
IN–
ANALOG INPUT–
CC
2.7nF
U2
NOTE 3
NOTE 4
AD8021
–
+
30
Ω
50
Ω
100nF
NOTES
1. SEE VOLTAGE REFERENCE INPUT SECTION.
2. OPTIONAL CIRCUITRY FOR HARDWARE GAIN CALIBRATION.
3.THE AD8021 IS RECOMMENDED. SEE DRIVER AMPLIFIER CHOICE SECTION.
4. SEE ANALOG INPUTS SECTION.
5. OPTION, SEE POWER SUPPLY SECTION.
6. OPTIONAL LOW JITTER CNVST, SEE CONVERSION CONTROL SECTION.
47
μF
MODE1
MODE0
NOTE 1
CREF
REF
REFGND
03085-0-027
Figure 25. Typical Connection Diagram (Internal Reference Buffer, Serial Interface)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com