| Electronic Components Datasheet Search |
|
AD7650 Datasheet(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7650 Datasheet(HTML) 15 Page - Analog Devices |
|
15 / 20 page ![]() REV. B AD7676 –15– t3 BUSY CS, RD CNVST SYNC SCLK SDOUT 12 3 14 15 16 D15 D14 D2 D1 D0 X EXT/ INT = 0 RDC/SDIN = 0 INVSCLK = INVSYNC = 0 t14 t20 t15 t16 t22 t23 t29 t28 t18 t19 t21 t30 t25 t24 t26 t27 Figure 17. Master Serial Data Timing for Reading (Read after Conversion) EXT/ INT = 0 RDC/SDIN = 1 INVSCLK = INVSYNC = 0 D15 D14 D2 D1 D0 X 12 3 14 15 16 BUSY SYNC SCLK SDOUT CS, RD CNVST t3 t1 t17 t14 t15 t19 t20 t21 t16 t22 t23 t24 t27 t26 t25 t18 Figure 18. Master Serial Data Timing for Reading (Read Previous Conversion during Conversion) SERIAL INTERFACE The AD7676 is configured to use the serial interface when the SER/ PAR is held HIGH. The AD7676 outputs 16 bits of data MSB first, on the SDOUT pin. This data is synchronized with the 16 clock pulses provided on the SCLK pin. MASTER SERIAL INTERFACE Internal Clock The AD7676 is configured to generate and provide the serial data clock SCLK when the EXT/ INT pin is held LOW. The AD7676 also generates a SYNC signal to indicate to the host when the serial data is valid. The serial clock SCLK and the SYNC signal can be inverted if desired. The output data is valid on both the rising and falling edges of the data clock. Depending on RDC/SDIN input, the data can be read after each conversion or during the following conversion. Figures 17 and 18 show the detailed timing diagrams of these two modes. Usually, because the AD7676 has a longer acquisition phase than the conversion phase, the data is read immediately after conversion. That makes the mode master, read after conversion, the most recommended serial mode when it can be used. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |