Electronic Components Datasheet Search
  English  ▼

X  

AD7674 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7674
Description  18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7674 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7674 Datasheet HTML 9Page - Analog Devices AD7674 Datasheet HTML 10Page - Analog Devices AD7674 Datasheet HTML 11Page - Analog Devices AD7674 Datasheet HTML 12Page - Analog Devices AD7674 Datasheet HTML 13Page - Analog Devices AD7674 Datasheet HTML 14Page - Analog Devices AD7674 Datasheet HTML 15Page - Analog Devices AD7674 Datasheet HTML 16Page - Analog Devices AD7674 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD7679
Rev. A | Page 13 of 28
POSITIVE DNL (LSB)
120
0
100
60
20
0
40
80
0.5
1.0
1.5
03085-0-011
2.0
Figure 11. Typical Positive DNL Distribution (424 Units)
NEGATIVE DNL (LSB)
180
–1.00
160
100
20
0
60
140
–0.75
–0.50
–0.25
03085-0-014
0
120
40
80
Figure 12. Typical Negative DNL Distribution (424 Units)
FREQUENCY (kHz)
0
0
30
60
240
270
–40
–60
–100
–180
–80
–120
03085-0-012
–140
–20
–160
90
120
150
180
210
fS = 570kSPS
fIN = 10kHz
VREF = 4.096V
SNR = 98.5dB
THD = 115.8dB
SFDR = 117.4dB
S/(N+D) = 98.4dB
Figure 13. FFT (10 kHz Tone)
FREQUENCY (kHz)
105
1
100
90
80
75
85
10
100
1000
03085-0-015
95
ENOB
S/(N+D)
SNR
16.5
17.0
15.5
16.0
14.5
15.0
14.0
Figure 14. SNR, S/(N+D), and ENOB vs. Frequency
FREQUENCY (kHz)
–60
1
–70
–100
–130
–120
–80
10
100
1000
03085-0-016
–90
–110
THD
THIRD
HARMONIC
SFDR
140
60
20
40
0
120
80
100
SECOND
HARMONIC
Figure 15. THD, SFDR, and Harmonics vs. Frequency
INPUT LEVEL (dB)
–60
98
96
100
03085-0-017
SNR
–50
0
–10
–20
–30
–40
102
VREF = 4.096V
S/(N+D)
Figure 16. SNR and S/(N+D) vs. Input Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com