Electronic Components Datasheet Search
  English  ▼

X  

EVAL-AD7746EB Datasheet(PDF) 6 Page - Analog Devices

Part # EVAL-AD7746EB
Description  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7746EB Datasheet(HTML) 6 Page - Analog Devices

Back Button EVAL-AD7746EB Datasheet HTML 2Page - Analog Devices EVAL-AD7746EB Datasheet HTML 3Page - Analog Devices EVAL-AD7746EB Datasheet HTML 4Page - Analog Devices EVAL-AD7746EB Datasheet HTML 5Page - Analog Devices EVAL-AD7746EB Datasheet HTML 6Page - Analog Devices EVAL-AD7746EB Datasheet HTML 7Page - Analog Devices EVAL-AD7746EB Datasheet HTML 8Page - Analog Devices EVAL-AD7746EB Datasheet HTML 9Page - Analog Devices EVAL-AD7746EB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD7745/AD7746
Rev. 0 | Page 6 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
Positive Supply Voltage VDD to GND
−0.3 V to +6.5 V
Voltage on any Input or Output Pin to
GND
–0.3 V to VDD + 0.3 V
ESD Rating (ESD Association Human Body
Model, S5.1)
2000 V
Operating Temperature Range
–40°C to +125°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
TSSOP Package
θ
JA
,
(Thermal Impedance-to-Air)
128°C/W
TSSOP Package
θ
JC
,
(Thermal Impedance-to-Case)
14°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com