Electronic Components Datasheet Search
  English  ▼

X  

AD7910ARM Datasheet(PDF) 6 Page - Analog Devices

Part # AD7910ARM
Description  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7910ARM Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7910ARM Datasheet HTML 2Page - Analog Devices AD7910ARM Datasheet HTML 3Page - Analog Devices AD7910ARM Datasheet HTML 4Page - Analog Devices AD7910ARM Datasheet HTML 5Page - Analog Devices AD7910ARM Datasheet HTML 6Page - Analog Devices AD7910ARM Datasheet HTML 7Page - Analog Devices AD7910ARM Datasheet HTML 8Page - Analog Devices AD7910ARM Datasheet HTML 9Page - Analog Devices AD7910ARM Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD7910/AD7920
Rev. C | Page 6 of 24
TIMING SPECIFICATIONS
VDD = 2.35 V to 5.25 V, TA = TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter1
AD7910/AD7920
Limit at TMIN, TMAX
Unit
Description
fSCLK2
10
kHz min3
5
MHz max
tCONVERT
14 × tSCLK
AD7910
16 × tSCLK
AD7920
tQUIET
50
ns min
Minimum quiet time required between bus relinquish and start of next
conversion
t1
10
ns min
Minimum CS pulse width
t2
10
ns min
CS to SCLK setup time
t34
22
ns max
Delay from CS until SDATA three-state disabled
t4
40
ns max
Data access time after SCLK falling edge
t5
0.4 × tSCLK
ns min
SCLK low pulse width
t6
0.4 × tSCLK
ns min
SCLK high pulse width
t75, 6
SCLK to data valid hold time
10
ns min
VDD ≤ 3.3 V
9.5
ns min
3.3 V < VDD ≤ 3.6 V
7
ns min
VDD > 3.6 V
t86, 7
36
ns max
SCLK falling edge to SDATA three-state
See Note 7
ns min
SCLK falling edge to SDATA three-state
tPOWER-UP8
1
μs max
Power-up time from full power-down
1 Guaranteed by characterization. All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V.
2 Mark/Space ratio for the SCLK input is 40/60 to 60/40.
3 Minimum fSCLK at which specifications are guaranteed.
4 Measured with the load circuit of Figure 2 and defined as the time required for the output to cross 0.8 V or 1.8 V when VDD = 2.35 V and 0.8 V or 2.0 V for VDD > 2.35 V.
5 Measured with a 50 pF load capacitor.
6 t8 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 2. The measured number is then extrapolated
back to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t8, shown in the Timing Specifications is the true bus relinquish
time of the part and is independent of the bus loading.
7 T7 values apply to t8 minimum values also.
8 See Power-Up Time section.
200
μAI
OL
200
μAI
OH
1.6V
TO OUTPUT
PIN
CL
50pF
Figure 2. Load Circuit for Digital Output Timing Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com