Electronic Components Datasheet Search
  English  ▼

X  

AD8034AR Datasheet(PDF) 23 Page - Analog Devices

Part # AD8034AR
Description  Low Cost, 80 MHz FastFET Op Amps
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8034AR Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8034AR Datasheet HTML 17Page - Analog Devices AD8034AR Datasheet HTML 18Page - Analog Devices AD8034AR Datasheet HTML 19Page - Analog Devices AD8034AR Datasheet HTML 20Page - Analog Devices AD8034AR Datasheet HTML 21Page - Analog Devices AD8034AR Datasheet HTML 22Page - Analog Devices AD8034AR Datasheet HTML 23Page - Analog Devices AD8034AR Datasheet HTML 24Page - Analog Devices AD8034AR Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
AD8033/AD8034
Rev. D | Page 22 of 24
FREQUENCY (Hz)
2πRF CF
2πRF (CF + CS + CM + 2CD)
(CS + CM + 2CD + CF)/CF
RF NOISE
VEN (CF + CS + CM + 2CD)/CF
f3
f2
f3 =
VEN
f1
f2 =
f1 =
1
1
fCR
NOISE DUE TO AMPLIFIER
The output noise over frequency of the preamp is shown in
Figure 63.
The pole in the loop transmission translates to a zero in the
noise gain of the amplifier, leading to an amplification of the
input voltage noise over frequency. The loop transmission zero
introduced by CF limits the amplification. The bandwidth of the
noise gain extends past the preamp signal bandwidth and is
eventually rolled off by the decreasing loop gain of the amplifier.
Keeping the input terminal impedances matched is recommended
to eliminate common-mode noise peaking effects that add to
the output noise.
Integrating the square of the output voltage noise spectral density
over frequency and then taking the square root results in the
total rms output noise of the preamp.
Figure 63. Photodiode Voltage Noise Contributions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com