Electronic Components Datasheet Search
  English  ▼

X  

AD8065AR Datasheet(PDF) 2 Page - Analog Devices

Part # AD8065AR
Description  High Performance, 145 MHz FastFET Op Amps
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065AR Datasheet(HTML) 2 Page - Analog Devices

  AD8065AR Datasheet HTML 1Page - Analog Devices AD8065AR Datasheet HTML 2Page - Analog Devices AD8065AR Datasheet HTML 3Page - Analog Devices AD8065AR Datasheet HTML 4Page - Analog Devices AD8065AR Datasheet HTML 5Page - Analog Devices AD8065AR Datasheet HTML 6Page - Analog Devices AD8065AR Datasheet HTML 7Page - Analog Devices AD8065AR Datasheet HTML 8Page - Analog Devices AD8065AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
IMPORTANT LINKS for the AD8065_8066*
Last content update 08/20/2013 06:24 pm
DOCUMENTATION
AN-649: Using the Analog Devices Active Filter Design Tool
AN-581: Biasing and Decoupling Op Amps in Single Supply
Applications
AN-402: Replacing Output Clamping Op Amps with Input Clamping
Amps
AN-417: Fast Rail-to-Rail Operational Amplifiers Ease Design
Constraints in Low Voltage High Speed Systems
MT-060: Choosing Between Voltage Feedback and Current Feedback
Op Amps
MT-059: Compensating for the Effects of Input Capacitance on VFB
and CFB Op Amps Used in Current-to-Voltage Converters
MT-058: Effects of Feedback Capacitance on VFB and CFB Op Amps
MT-056: High Speed Voltage Feedback Op Amps
MT-053: Op Amp Distortion: HD, THD, THD + N, IMD, SFDR, MTPR
MT-052: Op Amp Noise Figure: Don’t Be Mislead
MT-050: Op Amp Total Output Noise Calculations for Second-Order
System
MT-049: Op Amp Total Output Noise Calculations for Single-Pole
System
MT-048: Op Amp Noise Relationships: 1/f Noise, RMS Noise, and
Equivalent Noise Bandwidth
MT-033: Voltage Feedback Op Amp Gain and Bandwidth
MT-032: Ideal Voltage Feedback (VFB) Op Amp
A Stress-Free Method for Choosing High-Speed Op Amps
FOR THE AD8065
AN-108: JFET-Input Amps are Unrivaled for Speed and Accuracy
AN-356: User's Guide to Applying and Measuring Operational
Amplifier Specifications
CN-0272: 2 MHz Bandwidth PIN Photodiode Preamp with Dark
Current Compensation
CN-0055: Programmable Gain Element Using the
AD5450/AD5451/AD5452/AD5453 Current Output DAC Family
CN-0034: Unipolar, Precision DC Digital-to-Analog Conversion Using
the AD5426/AD5432/AD5443 8-Bit to12-Bit DACs
UG-127: Universal Evaluation Board for High Speed Op Amps in
SOT-23-5/SOT-23-6 Packages
UG-101: Evaluation Board User Guide
FOR THE AD8066
CN-0053: Precision, Bipolar, Configuration for the AD5450/1/2/3
8-14bit Multiplying DACs
CN-0036: Precision, Bipolar Configuration for the
AD5426/AD5432/AD5443 8-Bit to12-Bit DACs
MT-047: Op Amp Noise
UG-128: Universal Evaluation Board for Dual High Speed Op Amps in
SOIC Packages
UG-129: Evaluation Board User Guide
PARAMETRIC SELECTION TABLES
Find Similar Products By Operating Parameters
High Speed Amplifiers Selection Table
DESIGN TOOLS, MODELS, DRIVERS & SOFTWARE
dBm/dBu/dBv Calculator
Analog Filter Wizard 2.0
Power Dissipation vs Die Temp
ADIsimOpAmp™
OpAmp Stability
AD8065 SPICE Macro-Model
AD8066 SPICE Macro-Model
EVALUATION KITS & SYMBOLS & FOOTPRINTS
View the Evaluation Boards and Kits page for the AD8065
View the Evaluation Boards and Kits page for the AD8066
Symbols and Footprints for AD8065
Symbols and Footprints for AD8066
DESIGN SUPPORT
Submit your support request here:
Linear and Data Converters
Embedded Processing and DSP
Telephone our Customer Interaction Centers toll free:
Americas:
1-800-262-5643
Europe:
00800-266-822-82
China:
4006-100-006
India:
1800-419-0108
Russia:
8-800-555-45-90
Quality and Reliability
Lead(Pb)-Free Data
SAMPLE & BUY
AD8065
AD8066
View Price & Packaging
Request Evaluation Board and Samples
Check Inventory & Purchase
Find Local Distributors
* This page was dynamically generated by Analog Devices, Inc. and inserted into this data sheet.
Note: Dynamic changes to the content on this page (labeled 'Important Links') does not
constitute a change to the revision number of the product data sheet.
This content may be frequently modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com