Electronic Components Datasheet Search
  English  ▼

X  

AD8361ARMZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8361ARMZ
Description  LF to 2.5 GHz TruPwr Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8361ARMZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8361ARMZ Datasheet HTML 3Page - Analog Devices AD8361ARMZ Datasheet HTML 4Page - Analog Devices AD8361ARMZ Datasheet HTML 5Page - Analog Devices AD8361ARMZ Datasheet HTML 6Page - Analog Devices AD8361ARMZ Datasheet HTML 7Page - Analog Devices AD8361ARMZ Datasheet HTML 8Page - Analog Devices AD8361ARMZ Datasheet HTML 9Page - Analog Devices AD8361ARMZ Datasheet HTML 10Page - Analog Devices AD8361ARMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8361
Rev. C | Page 7 of 24
3.0
2.5
–1.0
0.4
(+5dBm)
0.01
1.5
0
–0.5
2.0
0.5
1.0
–1.5
–2.0
2.5
–3.0
0.1
0.02
MEAN
±3 SIGMA
INPUT (V rms)
(–7dBm)
(–21dBm)
Figure 12. Error from CW Linear Reference vs. Input, 3 Sigma to Either Side of
Mean, IS95 Reverse Link Signal, Supply 3.0 V, Frequency 900 MHz
INPUT (V rms)
3.0
2.5
–1.0
0.6
(+8.6dBm)
0.01
1.5
0
–0.5
2.0
0.5
1.0
–1.5
–2.0
–2.5
–3.0
0.1
0.02
MEAN
±3 SIGMA
(–7dBm)
(–21dBm)
Figure 13. Error from CW Linear Reference vs. Input Level, 3 Sigma to Either
Side of Mean, IS95 Reverse Link Signal, Supply 5.0 V, Frequency 900 MHz
INPUT (V rms)
3.0
2.5
–1.0
0.4
(+5dBm)
0.01
1.5
0
–0.5
2.0
0.5
1.0
–1.5
–2.0
–2.5
–3.0
0.1
0.02
–40°C
+85°C
(–7dBm)
(–21dBm)
Figure 14. Output Delta from +25°C vs. Input Level, 3 Sigma to
Either Side of Mean Sine Wave, Supply 3.0 V,
Frequency 900 MHz, Temperature −40°C to +85°C
INPUT (V rms)
3.0
2.5
–1.0
0.4
(+5dBm)
0.01
1.5
0
–0.5
2.0
0.5
1.0
–1.5
–2.0
–2.5
–3.0
0.1
0.02
(–7dBm)
(–21dBm)
–40°C
+85°C
Figure 15. Output Delta from +25°C vs. Input Level, 3 Sigma to Either
Side of Mean Sine Wave, Supply 3.0 V, Frequency 1900 MHz,
Temperature −40°C to +85°C
INPUT (V rms)
11
3
0
0.5
0.1
0.2
0.3
0.4
8
6
5
4
10
9
7
2
1
0
0.6
0.7
0.8
+85°C
–40°C
+25°C
VS = 5V
INPUT OUT
OF RANGE
+25°C
+85°C
–40°C
VS = 3V
INPUT OUT
OF RANGE
Figure 16. Supply Current vs. Input Level, Supplies 3.0 V, and 5.0 V,
Temperatures −40°C, +25°C, and +85°C
FREQUENCY (MHz)
0
500
1000
250
200
150
100
50
0
2000
2500
1.4
1.2
1.0
0.8
0.6
0.4
1500
+85°C
+25°C
–40°C
+85°C
+25°C
–40°C
1.6
1.8
Figure 17. Input Impedance vs. Frequency, Supply 3 V,
Temperatures −40°C, +25°C, and +85°C, MSOP
(See Applications for SOT-23 Data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com