Electronic Components Datasheet Search
  English  ▼

X  

AD8512ARZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8512ARZ
Description  Precision, Very Low Noise, Low Input Bias Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8512ARZ Datasheet(HTML) 3 Page - Analog Devices

  AD8512ARZ Datasheet HTML 1Page - Analog Devices AD8512ARZ Datasheet HTML 2Page - Analog Devices AD8512ARZ Datasheet HTML 3Page - Analog Devices AD8512ARZ Datasheet HTML 4Page - Analog Devices AD8512ARZ Datasheet HTML 5Page - Analog Devices AD8512ARZ Datasheet HTML 6Page - Analog Devices AD8512ARZ Datasheet HTML 7Page - Analog Devices AD8512ARZ Datasheet HTML 8Page - Analog Devices AD8512ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8510/AD8512/AD8513
Rev. I | Page 3 of 20
SPECIFICATIONS
@ VS = ±5 V, VCM = 0 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage (B Grade)1
VOS
0.08
0.4
mV
−40°C < TA < +125°C
0.8
mV
Offset Voltage (A Grade)
VOS
0.1
0.9
mV
−40°C < TA < +125°C
1.8
mV
Input Bias Current
IB
21
75
pA
−40°C < TA < +85°C
0.7
nA
−40°C < TA < +125°C
7.5
nA
Input Offset Current
IOS
5
50
pA
−40°C < TA < +85°C
0.3
nA
−40°C < TA < +125°C
0.5
nA
Input Capacitance
Differential
12.5
pF
Common Mode
11.5
pF
Input Voltage Range
−2.0
+2.5
V
Common-Mode Rejection Ratio
CMRR
VCM = −2.0 V to +2.5 V
86
100
dB
Large-Signal Voltage Gain
AVO
RL = 2 kΩ, VO = −3 V to +3 V
65
107
V/mV
Offset Voltage Drift (B Grade)1
ΔVOS/ΔT
0.9
5
μV/°C
Offset Voltage Drift (A Grade)
ΔVOS/ΔT
1.7
12
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 10 kΩ
4.1
4.3
V
Output Voltage Low
VOL
RL = 10 kΩ, −40°C < TA < +125°C
−4.9
−4.7
V
Output Voltage High
VOH
RL = 2 kΩ
3.9
4.2
V
Output Voltage Low
VOL
RL = 2 kΩ, −40°C < TA < +125°C
−4.9
−4.5
V
Output Voltage High
VOH
RL = 600 Ω
3.7
4.1
V
Output Voltage Low
VOL
RL = 600 Ω, −40°C < TA < +125°C
−4.8
−4.2
V
Output Current
IOUT
±40
±54
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±4.5 V to ±18 V
86
130
dB
Supply Current/Amplifier
ISY
AD8510/AD8512/AD8513
VO = 0 V
2.0
2.3
mA
AD8510/AD8512
−40°C < TA < +125°C
2.5
mA
AD8513
−40°C < TA < +125°C
2.75
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
20
V/μs
Gain Bandwidth Product
GBP
8
MHz
Settling Time
tS
To 0.1%, 0 V to 4 V step, G = +1
0.4
μs
Total Harmonic Distortion (THD) + Noise
THD + N
1 kHz, G = +1, RL = 2 kΩ
0.0005
%
Phase Margin
φM
44.5
Degrees
NOISE PERFORMANCE
Voltage Noise Density
en
f = 10 Hz
34
nV/√Hz
f = 100 Hz
12
nV/√Hz
f = 1 kHz
8.0
10
nV/√Hz
f = 10 kHz
7.6
nV/√Hz
Peak-to-Peak Voltage Noise
en p-p
0.1 Hz to 10 Hz bandwidth
2.4
5.2
μV p-p
1 AD8510/AD8512 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com