Electronic Components Datasheet Search
  English  ▼

X  

AD9200ARSZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD9200ARSZ
Description  Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9200ARSZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9200ARSZ Datasheet HTML 20Page - Analog Devices AD9200ARSZ Datasheet HTML 21Page - Analog Devices AD9200ARSZ Datasheet HTML 22Page - Analog Devices AD9200ARSZ Datasheet HTML 23Page - Analog Devices AD9200ARSZ Datasheet HTML 24Page - Analog Devices AD9200ARSZ Datasheet HTML 25Page - Analog Devices AD9200ARSZ Datasheet HTML 26Page - Analog Devices AD9200ARSZ Datasheet HTML 27Page - Analog Devices AD9200ARSZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
REV. E
–24–
AD9221/AD9223/AD9220
1.25k
0.1 F
10 F
2.5k
2.5k
+5V
U1
REF43
VREF(+)
VREF(–)
U3
DAC08
IOUT
IOUT
0.1 F
2.5k
0.1 F
2.5k
0.1 F
2.5k
162
2.5k
RC
100
1.1k
2
39
U2A
1.25V
39mV
U2B
CH1
CH2
CH3
CH4
CH5
CH6
CH7
CH8
U6
ADG608
1.25V
OUT
VREF(+)
VREF(–)
U5
DAC08
IOUT
IOUT
U4
2.5k
RC
100
39
AD9221/
AD9223/
AD9220
SENSE
VREF
VINA
VINB
BIT 1 – BIT 12
OTR
2.50V
RC
100
2.5k
39
Figure 35. Typical Multichannel Data Acquisition System
The offset calibration circuitry consists of a DAC, U5 and
the buffer amplifier, U4. The DAC is configured for a bipolar
adjustment span of
±64 LSB with a 1/2 LSB resolution span
with respect to the AD9221/AD9223/AD9220. Note that both
current outputs of U5 were configured to provide a bipolar
adjustment span. Also, RC is used to decouple the output of
both DACs, U3 and U5, from their respective op amps.
The calibration procedure consists of a two step process. First,
the bipolar offset is calibrated by selecting CH2, the 2.5 V sys-
tem reference, of the analog multiplexer and preloading the DAC,
U5, with a midscale code of 1000 0000. If possible, several
readings of the A/D should be taken and averaged to determine
the required digital offset adjustment code, U5. This averaged
offset code requires an extra bit of resolution since 1 LSB of U5
equates to 1/2 LSB of the AD9221/AD9223/AD9220. The
required offset correction code to U5 can then be determined.
Second, the system gain is calibrated by selecting CH2, a 1.25 V
input that corresponds to –FS of the A/D. Before the value is
read, U4 should be preloaded with a code of 00 (Hex). Several
readings can also be taken and averaged to determine the digital
gain adjustment code to U2A. In this case, 1 LSB of the A/D
corresponds to 1 LSB of U4.
Due to the AD9221/AD9223/AD9220’s excellent INL perfor-
mance, a two-point calibration procedure (i.e., –FS to midscale)
instead of an endpoint calibration procedure was chosen. Also,
since the bipolar offset is insensitive to any gain adjustment (due
to the differential SHA of the A/D), an iterative calibration
process is not required. The temperature stability of the circuit
is enhanced by selecting a dual precision op amp for U2 (e.g.,
OP293) and low temperature drift, thin film resistors. Note that
this application circuit was not built at the release of this data
sheet. Please consult Analog Devices for application assistance
or comments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com