| Electronic Components Datasheet Search |
|
AD9223ARS Datasheet(PDF) 18 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9223ARS Datasheet(HTML) 18 Page - Analog Devices |
|
18 / 32 page ![]() REV. E –18– AD9221/AD9223/AD9220 FREQUENCY – MHz –55 –95 1 100 10 –65 –75 –85 AD9221 AD9223 AD9220 Figure 18. AD9221/AD9223/AD9220 SFDR vs. Input Frequency (VCM = 2.5 V, 2 V p-p Input Span, AIN = –0.5 dB) Figure 19 shows the schematic of the suggested transformer circuit. The circuit uses a Mini-Circuits RF transformer, model #T4-6T, which has an impedance ratio of 4 (turns ratio of 2). The schematic assumes that the signal source has a 50 Ω source impedance. The 1:4 impedance ratio requires the 200 Ω sec- ondary termination for optimum power transfer and VSWR. The center tap of the transformer provides a convenient means of level shifting the input signal to a desired common-mode voltage. Optimum performance can be realized when the center tap is tied to CML of the AD9221/AD9223/AD9220, which is the common-mode bias level of the internal SHA. VINA VINB AD9221/ AD9223/ AD9220 200 49.9 RS 33 CML CS 15pF MINI-CIRCUITS T4-1 0.1 F RS 33 CS 15pF Figure 19. Transformer Coupled Input Transformers with other turns ratios may also be selected to optimize the performance of a given application. For example, a given input signal source or amplifier may realize an improve- ment in distortion performance at reduced output power levels and signal swings. Therefore, selecting a transformer with a higher impedance ratio (e.g., Mini-Circuits T16-6T with a 1:16 impedance ratio) effectively “steps up” the signal level, thus further reducing the driving requirements of the signal source. Referring to Figure 19, a series resistor, RS, and shunt capacitor, CS, were inserted between the AD9221/AD9223/AD9220 and the secondary of the transformer. The values of 33 Ω and 15 pF were selected to specifically optimize both the THD and SNR performance of the A/D. RS and CS help provide some isola- tion from transients at the A/D inputs reflected back through the primary of the transformer. The AD9221/AD9223/AD9220 can be easily configured for either a 2 V p-p input span or 5.0 V p-p input span by setting the internal reference (see Table II). Other input spans can be realized with two external gain setting resistors as shown in Figure 23 of this data sheet. Figure 20 demonstrates how both spans of the AD9220 achieve the high degree of linearity and SFDR over a wide range of amplitudes required by the most demanding communication applications. Similar performance is achievable with the AD9221 and AD9223 at their correspond- ing Nyquist frequency. INPUT AMPLITUDE – dBFS 90 20 –50 0 –40 –30 –20 –10 80 70 30 60 50 40 SNR – 2.0V p-p SNR – 5.0V p-p SFDR – 5.0V p-p SFDR – 2.0V p-p Figure 20. AD9220 SFDR, SNR vs. Input Amplitude (fIN = 5 MHz, fCLK = 10 MSPS, VCM = 2.5 V, Differential) Figure 20 also reveals a noteworthy difference in the SFDR and SNR performance of the AD9220 between the 2 V p-p and 5 V p-p input span options. First, the SNR performance improves by 2 dB with a 5.0 V p-p input span due to the increase in dynamic range. Second, the SFDR performance of the AD9220 will improve for input signals below approximately –6.0 dBFS. A 3 dB to 5 dB improvement was typically realized for input signal levels between –6.0 dBFS and –36 dBFS. This improvement in SNR and SFDR for a 5.0 V p-p span may be advantageous for com- munication systems that have additional margin or headroom to minimize clipping of the ADC. REFERENCE CONFIGURATIONS The figures associated with this section on internal and external reference operation do not show recommended matching series resistors for VINA and VINB for the purpose of simplicity. Please refer to the Driving the Analog Inputs, Introduction section for a discussion of this topic. Also, the figures do not show the decoupling network asso- ciated with the CAPT and CAPB pins. Please refer to the Reference Operation section for a discussion of the internal reference circuitry and the recommended decoupling network shown in Figure 10. USING THE INTERNAL REFERENCE Single-Ended Input with 0 to 2 VREF Range Figure 21 shows how to connect the AD9221/AD9223/AD9220 for a 0 V to 2 V or 0 V to 5 V input range via pin strapping the SENSE pin. An intermediate input range of 0 to 2 × VREF can be established using the resistor programmable configuration in Figure 23 and connecting VREF to VINB. In either case, both the common-mode voltage and input span are directly dependent on the value of VREF. More specifically, the common-mode voltage is equal to VREF while the input span is equal to 2 × VREF. Thus, the valid input range extends from 0 to 2 × VREF. When VINA is ≤ 0 V, the digital output will be 000 Hex; when VINA is ≥ 2 × VREF, the digital output will be FFF Hex. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |