| Electronic Components Datasheet Search |
|
AD9220ARS Datasheet(PDF) 23 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9220ARS Datasheet(HTML) 23 Page - Analog Devices |
|
23 / 32 page ![]() REV. E AD9221/AD9223/AD9220 –23– APPLICATIONS Direct IF Down Conversion Using the AD9220 As previously noted, the AD9220’s performance in the differen- tial mode of operation extends well beyond its baseband region and into several Nyquist zone regions. Thus, the AD9220 may be well suited as a mix down converter in both narrow and wideband applications. Various IF frequencies exist over the frequency range in which the AD9220 maintains excellent dynamic performance (e.g., refer to Figure 17 and 18). The IF signal will be aliased to the ADC’s baseband region due to the sampling process in a similar manner that a mixer will down- convert an IF signal. For signals in various Nyquist zones, the following equation may be used to determine the final frequency after aliasing. f1 NYQUIST = fSIGNAL f2 NYQUIST = fSAMPLE – fSIGNAL f3 NYQUIST = abs (fSAMPLE – fSIGNAL) f4 NYQUIST = 2 × f SAMPLE – fSIGNAL f5 NYQUIST = abs (2 × f SAMPLE – fSIGNAL) There are several potential benefits in using the ADC to alias (i.e., or mix) down a narrow-band or wideband IF signal. First and foremost is the elimination of a complete mixer stage with its associated amplifiers and filters, reducing cost and power dissipation. Second is the ability to apply various DSP tech- niques to perform such functions as filtering, channel selection, quadrature demodulation, data reduction, and detection. One common example is the digitization of a 21.4 MHz IF using a low jitter 10 MHz sample clock. Using the equation above for the fifth Nyquist zone, the resultant frequency after sampling is 1.4 MHz. Figure 33 shows the typical performance of the AD9220 operating under these conditions. Figure 34 demonstrates how the AD9220 is still able to maintain a high degree of linearity and SFDR over a wide amplitude. FREQUENCY – MHz 0 –120 15 –40 –60 –80 –20 –100 1 7 8 6 9 2 5 3 4 ENCODE = 10MSPS AIN = 21.4MHz Figure 33. IF Sampling a 21.4 MHz Input Using the AD9220 (VCM = 2.5 V, Input Span = 2 V p-p) AIN – dB –50 –40 –30 –20 –10 0 90 80 0 40 30 20 10 60 50 70 SFDR SNR Figure 34. AD9220 Differential Input SNR/SFDR vs. Input Amplitude (AIN) @ 21.4 MHz Multichannel Data Acquisition with Autocalibration The AD9221/AD9223/AD9220 is well suited for high perfor- mance, low power data acquisition systems. Aside from its exceptional ac performance, it exhibits true 12-bit linearity and temperature drift performance (i.e., excluding internal refer- ence). Furthermore, the A/D product family provides the system designer with an upward or downward component selection path based on power consumption and sampling rate. A typical multichannel data acquisition system is shown in Figure 35. Also shown is some additional inexpensive gain and offset autocalibration circuitry that is often required in high accuracy data acquisition systems. These additional peripheral components were selected based on their performance, power consumption, and cost. Referring to Figure 35, the AD9221/AD9223/AD9220 is config- ured for single-ended operation with a 2.5 V p-p input span and a 2.5 V common-mode voltage using an external, precision 2.5 voltage reference, U1. This configuration and input span allows the buffer amplifier, U4, to be single supply. Also, it simplifies the design of the low temperature drift autocalibration circuitry that uses thin-film resistors for temperature stability and ratio- metric accuracy. The input of the AD9221/AD9223/AD9220 can be easily configured for a wider span but it should remain within the input/output swing capabilities of a high speed, rail- to-rail, single-supply amplifier, U4 (e.g., AD8041). The gain and offset calibration circuitry is based on two 8-bit, current-output DAC08s, U3 and U5. The gain calibration circuitry consisting of U3, and an op amp, U2A, is configured to provide a low drift nominal 1.25 V reference to the AD9221/ AD9223/AD9220. The resistor values that set the gain calibra- tion range were selected to provide a nominal adjustment span of ±128 LSBs with 1 LSB resolution with respect to the A/D. Note that the bandwidth of the reference is low and, as a result, it is not possible to change the reference voltage rapidly in this mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |