Electronic Components Datasheet Search
  English  ▼

X  

AD9920ABBCZRL Datasheet(PDF) 14 Page - Analog Devices

Part # AD9920ABBCZRL
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZRL Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9920ABBCZRL Datasheet HTML 10Page - Analog Devices AD9920ABBCZRL Datasheet HTML 11Page - Analog Devices AD9920ABBCZRL Datasheet HTML 12Page - Analog Devices AD9920ABBCZRL Datasheet HTML 13Page - Analog Devices AD9920ABBCZRL Datasheet HTML 14Page - Analog Devices AD9920ABBCZRL Datasheet HTML 15Page - Analog Devices AD9920ABBCZRL Datasheet HTML 16Page - Analog Devices AD9920ABBCZRL Datasheet HTML 17Page - Analog Devices AD9920ABBCZRL Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 112 page
background image
AD9920A
Rev. B | Page 14 of 112
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
18
32
40
3.3V, 2.0V
2.7V, 1.6V
0
50
100
150
200
250
300
350
400
3.0V, 1.8V
Figure 5. AFETG Power vs. Frequency (V-Driver Not Included);
AVDD = TCVDD = DVDD = 1.8 V, All Other Supplies at 2.7 V, 3.0 V, or 3.3 V
ADC OUTPUT CODE
0
0.5k
1.0k
1.5k
2.0k
2.5k
3.0k
3.5k
4.0k
–1.0
1.0
–0.8
0.8
–0.6
0.6
–0.4
0.4
–0.2
0.2
0
Figure 6. Typical Differential Nonlinearity (DNL) Performance
0
ADC OUTPUT CODE
0.5k
1.0k
1.5k
2.0k
2.5k
3.0k
3.5k
4.0k
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
Figure 7. Typical System Integral Nonlinearity (INL) Performance
50
45
40
35
30
25
20
10
15
5
0
0
10
20
3040506
TOTAL GAIN — CDS + VGA (dB)
0
+3dB CDS GAIN
–3dB CDS GAIN
0dB CDS GAIN
+6dB CDS GAIN
Figure 8. Output Noise vs. Total Gain (CDS + VGA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com